Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620 Datasheet(PDF) 10 Page - Analog Devices

Part # AD620
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices AD620 Datasheet HTML 10Page - Analog Devices AD620 Datasheet HTML 11Page - Analog Devices AD620 Datasheet HTML 12Page - Analog Devices AD620 Datasheet HTML 13Page - Analog Devices AD620 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD620
Rev. G | Page 10 of 20
LOAD RESISTANCE (
Ω)
30
0
0
10k
20
10
100
1k
VS = ±15V
G = 10
Figure 23. Output Voltage Swing vs. Load Resistance
... . . ... ... . . ... .. .. ... . . .. . . . . . . .. . . ...
... . . ... ... . . ... .. .. ... . . .. . . . . . . .. . . ...
Figure 24. Large Signal Pulse Response and Settling Time
G = 1 (0.5 mV = 0.01%)
. ... .. .. ... . . ... . ... .. .. .. .. . ... .. .. .. ..
. ... .. .. ... . . ... . ... .. .. .. .. . ... .. .. .. ..
Figure 25. Small Signal Response, G = 1, RL = 2 kΩ, CL = 100 pF
. . . . .. .. ... . . . . . . . . . . .. . . ... ... . . ... .. ..
. . . . .. .. ... . . . . . . . . . . .. . . ... ... . . ... .. ..
Figure 26. Large Signal Response and Settling Time, G = 10 (0.5 mV = 0.01%)
. . . . .. .. ... . . ... .. .. . . . . . ... ... . . ... .. ..
. . . . .. .. ... . . ... .. .. . . . . . ... ... . . ... .. ..
Figure 27. Small Signal Response, G = 10, RL = 2 kΩ, CL = 100 pF
... . . ... ... . . ... .. .. ... . . ... ... . . ... .. ..
... . . ... ... . . ... .. .. ... . . ... ... . . ... .. ..
Figure 28. Large Signal Response and Settling Time, G = 100 (0.5 mV = 0.01%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com