Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620 Datasheet(PDF) 11 Page - Analog Devices

Part # AD620
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices AD620 Datasheet HTML 10Page - Analog Devices AD620 Datasheet HTML 11Page - Analog Devices AD620 Datasheet HTML 12Page - Analog Devices AD620 Datasheet HTML 13Page - Analog Devices AD620 Datasheet HTML 14Page - Analog Devices AD620 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD620
Rev. G | Page 11 of 20
.. .. . ... .. .. . ... .. .. ... . . ... .. .. . ... . ...
.. .. . ... .. .. . ... .. .. ... . . ... .. .. . ... . ...
Figure 29. Small Signal Pulse Response, G = 100, RL = 2 kΩ, CL = 100 pF
... . . ... ... . . ... .. .. ... . . ... ... . . ... .. ..
... . . ... ... . . ... .. .. ... . . ... ... . . ... .. ..
Figure 30. Large Signal Response and Settling Time,
G = 1000 (0.5 mV = 0.01% )
.. .. . ... .. .. . ... .. .. ... . . ... .. .. . ... . ...
.. .. . ... .. .. . ... .. .. ... . . ... .. .. . ... . ...
Figure 31. Small Signal Pulse Response, G = 1000, RL = 2 kΩ, CL = 100 pF
OUTPUT STEP SIZE (V)
TO 0.01%
TO 0.1%
20
0
02
15
5
5
10
10
0
15
Figure 32. Settling Time vs. Step Size (G = 1)
GAIN
1000
1
1
1000
100
10
10
100
Figure 33. Settling Time to 0.01% vs. Gain, for a 10 V Step
... . . ... .. .. .. .. ... . ... . . ... .. .. .. .. ... .
... . . ... .. .. .. .. ... . ... . . ... .. .. .. .. ... .
Figure 34. Gain Nonlinearity, G = 1, RL = 10 kΩ (10 µV = 1 ppm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com