Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD620 Datasheet(PDF) 3 Page - Analog Devices

Part # AD620
Description  Low Cost Low Power Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD620 Datasheet(HTML) 3 Page - Analog Devices

  AD620 Datasheet HTML 1Page - Analog Devices AD620 Datasheet HTML 2Page - Analog Devices AD620 Datasheet HTML 3Page - Analog Devices AD620 Datasheet HTML 4Page - Analog Devices AD620 Datasheet HTML 5Page - Analog Devices AD620 Datasheet HTML 6Page - Analog Devices AD620 Datasheet HTML 7Page - Analog Devices AD620 Datasheet HTML 8Page - Analog Devices AD620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD620
Rev. G | Page 3 of 20
SPECIFICATIONS
Typical @ 25°C, VS = ±15 V, and RL = 2 kΩ, unless otherwise noted.
Table 1.
AD620A
AD620B
AD620S1
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
10,000
1
10,000
1
10,000
Gain Error2
VOUT = ±10 V
G = 1
0.03
0.10
0.01
0.02
0.03
0.10
%
G = 10
0.15
0.30
0.10
0.15
0.15
0.30
%
G = 100
0.15
0.30
0.10
0.15
0.15
0.30
%
G = 1000
0.40
0.70
0.35
0.50
0.40
0.70
%
Nonlinearity
VOUT = −10 V to +10 V
G = 1–1000
RL = 10 kΩ
10
40
10
40
10
40
ppm
G = 1–100
RL = 2 kΩ
10
95
10
95
10
95
ppm
Gain vs. Temperature
G = 1
10
10
10
ppm/°C
Gain >12
−50
−50
−50
ppm/°C
VOLTAGE OFFSET
(Total RTI Error = VOSI + VOSO/G)
Input Offset, VOSI
VS = ±5 V
to ± 15 V
30
125
15
50
30
125
µV
Overtemperature
VS = ±5 V
to ± 15 V
185
85
225
µV
Average TC
VS = ±5 V
to ± 15 V
0.3
1.0
0.1
0.6
0.3
1.0
µV/°C
Output Offset, VOSO
VS = ±15 V
400
1000
200
500
400
1000
µV
VS = ± 5 V
1500
750
1500
µV
Overtemperature
VS = ±5 V
to ± 15 V
2000
1000
2000
µV
Average TC
VS = ±5 V
to ± 15 V
5.0
15
2.5
7.0
5.0
15
µV/°C
Offset Referred to the
Input vs. Supply (PSR)
VS = ±2.3 V
to ±18 V
G = 1
80
100
80
100
80
100
dB
G = 10
95
120
100
120
95
120
dB
G = 100
110
140
120
140
110
140
dB
G = 1000
110
140
120
140
110
140
dB
INPUT CURRENT
Input Bias Current
0.5
2.0
0.5
1.0
0.5
2
nA
Overtemperature
2.5
1.5
4
nA
Average TC
3.0
3.0
8.0
pA/°C
Input Offset Current
0.3
1.0
0.3
0.5
0.3
1.0
nA
Overtemperature
1.5
0.75
2.0
nA
Average TC
1.5
1.5
8.0
pA/°C
INPUT
Input Impedance
Differential
10||2
10||2
10||2
GΩ_pF
Common-Mode
10||2
10||2
10||2
GΩ_pF
Input Voltage Range3
VS = ±2.3 V
to ±5 V
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
−VS + 1.9
+VS − 1.2
V
Overtemperature
−VS + 2.1
+VS − 1.3
−VS + 2.1
+VS − 1.3
−VS + 2.1
+VS − 1.3
V
VS = ± 5 V
to ±18 V
−VS + 1.9
+VS − 1.4
−VS + 1.9
+VS − 1.4
−VS + 1.9
+VS − 1.4
V
Overtemperature
−VS + 2.1
+VS − 1.4
−VS + 2.1
+VS + 2.1
−VS + 2.3
+VS − 1.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com