Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8132ARZ-R7 Datasheet HTML 1Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD8132
Rev. F | Page 5 of 32
±DIN TO ±OUT SPECIFICATIONS
At TA = 25°C, VS = 5 V, VOCM = 2.5 V, G = 1, RL,dm = 499 Ω, RF = RG = 348 Ω, unless otherwise noted. For G = 2, RL,dm = 200 Ω, RF = 1000 Ω,
RG = 499 Ω. Refer to Figure 56 and Figure 57 for test setup and label descriptions. All specifications refer to single-ended input and
differential outputs, unless otherwise noted.
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Large Signal Bandwidth
VOUT = 2 V p-p
250
300
MHz
VOUT = 2 V p-p, G = 2
180
MHz
−3 dB Small Signal Bandwidth
VOUT = 0.2 V p-p
360
MHz
VOUT = 0.2 V p-p, G = 2
155
MHz
Bandwidth for 0.1 dB Flatness
VOUT = 0.2 V p-p
65
MHz
VOUT = 0.2 V p-p, G = 2
50
MHz
Slew Rate
VOUT = 2 V p-p
800
1000
V/μs
Settling Time
0.1%, VOUT = 2 V p-p
20
ns
Overdrive Recovery Time
VIN = 2.5 V to 0 V step, G = 2
5
ns
NOISE/HARMONIC PERFORMANCE
Second Harmonic
VOUT = 2 V p-p, 1 MHz, RL, dm = 800 Ω
−97
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−100
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−74
dBc
Third Harmonic
VOUT = 2 V p-p, 1 MHz, RL, dm = 800 Ω
−100
dBc
VOUT = 2 V p-p, 5 MHz, RL, dm = 800 Ω
−99
dBc
VOUT = 2 V p-p, 20 MHz, RL, dm = 800 Ω
−67
dBc
IMD
20 MHz, RL, dm = 800 Ω
−76
dBc
IP3
20 MHz, RL, dm = 800 Ω
40
dBm
Input Voltage Noise (RTI)
f = 0.1 MHz to 100 MHz
8
nV/√Hz
Input Current Noise
f = 0.1 MHz to 100 MHz
1.8
pA/√Hz
Differential Gain Error
NTSC, G = 2, RL, dm = 150 Ω
0.025
%
Differential Phase Error
NTSC, G = 2, RL, dm = 150 Ω
0.15
Degrees
INPUT CHARACTERISTICS
Offset Voltage (RTI)
VOS, dm = VOUT, dm/2; VDIN+ = VDIN− = VOCM = 2.5 V
±1.0
±3.5
mV
TMIN to TMAX variation
6
μV/°C
Input Bias Current
3
7
μA
Input Resistance
Differential
10
MΩ
Common-mode
3
MΩ
Input Capacitance
1
pF
Input Common-Mode Voltage
0.3 to 3.0
V
CMRR
ΔVOUT, dm/ΔVIN, cm; ΔVIN, cm = ±1 V; resistors matched to 0.01%
−70
−60
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
Maximum ΔVOUT; single-ended output
1.0 to 4.0
V
Output Current
50
mA
Output Balance Error
ΔVOUT, cm/ΔVOUT, dm; ΔVOUT, dm = 1 V
−68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com