Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8132ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 12Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD8132
Rev. F | Page 15 of 32
VS = ±5V, +5V, +3V
40mV
5ns
Figure 35. Small Signal Transient Response, G = 1
300mV
5ns
VS = 3V
VO, dm = 1.5V p-p
CF = 0pF
CF = 0.5pF
Figure 36. Large Signal Transient Response, G = 1
400mV
5ns
VS = 5V
VO, dm = 2V p-p
CF = 0pF
CF = 0.5pF
Figure 37. Large Signal Transient Response, G = 1
VS = ±5V
VO, dm = 2V p-p
400mV
5ns
CF = 0pF
CF = 0.5pF
Figure 38. Large Signal Transient Response, G = 1
1V
5ns
V–OUT
V+OUT
V+DIN
VO, dm
Figure 39. Large Signal Transient Response, G = 1
40mV
5ns
VS = ±5V, +5V, +3V
Figure 40. Small Signal Transient Response, G = 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com