Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8132ARZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8132ARZ-R7
Description  Low Cost, High Speed Differential Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8132ARZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8132ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 24Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 25Page - Analog Devices AD8132ARZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD8132
Rev. F | Page 22 of 32
OTHER β2 = 1 CIRCUITS
The preceding simple configuration with β2 = 1 and its gain of
2 is the highest gain circuit that can be made under this condition.
Since β1 was equal to 0, only higher β1 values are possible. The
circuits with higher values of β1 have gains lower than 2. However,
circuits with β1 equal to 1 are not practical because they have
no effective input and result in a gain of 0.
To increase β1 from 0, it is necessary to add two resistors in a feed-
back network. A generalized circuit that has β1 with a value higher
than 0 is shown in Figure 69. A couple of different convenient
gains that can be created are a gain of 1, when β1 is equal to 1/3,
and a gain of 0.5, when β1 equals 0.6.
With β2 equal to 1 in these circuits, VOCM serves as the refer-
ence voltage that measures the input voltage and the individual
output voltages. In general, when VOCM is varied in circuits
with unmatched feedback networks, a differential output
signal is generated that is proportional to the applied VOCM
voltage.
VARYING β2
Though the β2 = 1 circuit sets β2 to 1, another class of simple
circuits can be made that sets β2 equal to 0. This means that
there is no feedback from +OUT to −IN. This class of circuits
is very similar to a conventional inverting op amp. However,
the AD8132 circuits have an additional output and common-
mode input that can be analyzed separately (see Figure 71).
With −IN connected to ground, +IN becomes a virtual ground
in the sense that the term is used for conventional op amps. Both
inputs must maintain the same voltage for equilibrium operation;
therefore, if one is set to ground, the other is driven to ground.
The input impedance can also be seen to be equal to RG, just as
in a conventional op amp.
In this case, however, the positive input and negative output are
used for the feedback network. Because a conventional op amp
does not have a negative output, only its inverting input can be
used for the feedback network. The AD8132 is symmetrical, there-
fore, the feedback network on either side can be used to produce
the same results.
Because +IN is a summing junction, by an analogy to conven-
tional op amps, the gain from VIN to −OUT is −RF/RG. This holds
true regardless of the voltage on VOCM, and since +OUT moves
the same amount in the opposite direction from −OUT, the
overall gain is −2(RF/RG).
VOCM still governs VOUT,cm, so +OUT must be the only output that
moves when VOCM is varied. Because VOUT,cm is the average of the
two outputs, +OUT must move twice as far and in the same
direction as VOCM to create the proper VOUT, cm. Therefore, the
gain from VOCM to +OUT must be 2.
With β2 equal to 0 in these circuits, the gain can theoretically
be set to any value from close to 0 to infinity, just as it can with
a conventional op amp in the inverting mode. However, practical
real-world limitations and parasitics limit the range of acceptable
gain to more modest values.
β1 = 0
There is yet another class of circuits where there is no feed-
back from −OUT to +IN. This is the case where β1 = 0. The
differential amplifier without a resistor described in the
Differential Amplifier Without Resistors (High Input
Impedance Inverting Amplifier) section meets this condition, but
it was presented only with the condition that β2 = 1. Recall that
this circuit had a gain equal to 2.
If β2 decreases in this circuit from unity, a smaller part of +VOUT
is fed back to −IN and the gain increases (see Figure 68). This
circuit is very similar to a noninverting op amp configuration,
except for the presence of the additional complementary output.
Therefore, the overall gain is twice that of a noninverting op
amp or 2 × (1 + RF2/RG2) or 2 × (1/β2).
Once again, varying VOCM does not affect both outputs in the
same way; therefore, in addition to varying VOUT, cm with unity
gain, there is also an effect on VOUT, dm by changing VOCM.
ESTIMATING THE OUTPUT NOISE VOLTAGE
Similar to the case of a conventional op amp, the differential
output errors (noise and offset voltages) can be estimated by
multiplying the input referred terms, at +IN and −IN, by the
circuit noise gain. The noise gain is defined as
⎟
⎠
⎞
⎜
⎝
⎛
+
=
G
F
N
R
R
G
1
To compute the total output referred noise for the circuit of
Figure 64, consideration must be given to the contribution of
resistors, RF and RG. See Table 11 for estimated output noise
voltage densities at various closed-loop gains.
Table 11. Recommended Resistor Values and Noise
Performance for Specific Gains
Gain
RG
(Ω)
RF
(Ω)
Bandwidth
−3 dB (MHz)
Output
Noise
AD8132
Only
(nV/√Hz)
Output
Noise
AD8132
+ RG, RF
(nV/√Hz)
1
499
499
360
16
17
2
499
1.0 k
160
24.1
26.1
5
499
2.49 k
65
48.4
53.3
10
499
4.99 k
20
88.9
98.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com