Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8091ARTZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8091ARTZ-R7
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091ARTZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8091ARTZ-R7 Datasheet HTML 6Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 7Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 8Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 9Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 10Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 11Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 12Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 13Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
A8091/AD8092
Rev. B | Page 10 of 20
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
110
0.10
0
1020
3040
5060
708090
100
0
1020
3040
5060
708090
100
–0.06
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
–0.04
–0.02
0
0.02
0.04
0.06
0.08
MODULATING RAMP LEVEL (IRE)
NTSC SUBSCRIBER (3.58MHz)
RL = 150Ω
RL = 1kΩ
RL = 1kΩ
RL = 150Ω
VS = 5, G = +2
RF = 2kΩ, RL AS SHOWN
VS = 5, G = +2
RF = 2kΩ, RL AS SHOWN
9
8
7
6
5
4
3
2
FUNDAMENTAL FREQUENCY (MHz)
VO = 2V p-p
VS = 3V, G = –1
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +2
RF = 2kΩ, RL = 100Ω
VS = 5V, G = +1
RL = 100Ω
VS = 5V, G = +2
RF = 2kΩ, RL = 2kΩ
VS = 5V, G = +1
RL = 2kΩ
Figure 11. Total Harmonic Distortion
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
OUTPUT VOLTAGE (V p-p)
VS = 5V
RL = 2kΩ
G = +2
10MHz
5MHz
1MHz
Figure 12. Worst Harmonic vs. Output Voltage
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.1
50
10
1
FREQUENCY (MHz)
VS = 5V
G = –1
RF = 2kΩ
RL = 2kΩ
Figure 13. Low Distortion Rail-to-Rail Output Swing
Figure 14. Differential Gain and Phase Errors
1000
1
10
100
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
VS = 5V
Figure 15. Input Voltage Noise vs. Frequency
100
0.1
1
10
10
10M
1M
100k
10k
1k
100
FREQUENCY (Hz)
VS = 5V
Figure 16. Input Current Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com