Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8091ARTZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8091ARTZ-R7
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091ARTZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8091ARTZ-R7 Datasheet HTML 12Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 13Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 14Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 15Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 16Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 17Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 18Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 19Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
A8091/AD8092
Rev. B | Page 16 of 20
The other extreme is a full white video signal. The blanking
intervals and sync tips of such a signal have negative-going
excursions in compliance with the composite video
specifications. The combination of horizontal and vertical
blanking intervals limit such a signal to being at the highest
(white) level for a maximum of about 75% of the time.
AD8091
5V
+
4.99k
Ω
10
µF
47
µF
+
4.99k
Ω
10k
Ω
RT
75
Ω
RG
1k
Ω
RF
1k
Ω
RBT
75
Ω
RL
75
Ω
VOUT
COMPOSITE
VIDEO IN
+
220
µF
0.1
µF
3
2
4
6
7
1000
µF
0.1
µF10µF
+
As a result of the duty cycles between the two extremes, a 1 V p-
p composite video signal that is multiplied by a gain of 2
requires about 3.2 V p-p of dynamic voltage swing at the output
for an op amp to pass a composite video signal of arbitrary
varying duty cycle without distortion.
Figure 36. Single-Supply Composite Video Line Driver
The feedback circuit provides unity gain for the dc biasing of
the input and provides a gain of 2 for any signals that are in the
video bandwidth. The output is ac-coupled and terminated to
drive the line.
Some circuits use a sync tip clamp to hold the sync tips at a
relatively constant level to lower the amount of dynamic signal
swing required. However, these circuits can have artifacts like
sync tip compression unless they are driven by a source with a
very low output impedance. The AD8091/AD8092 have
adequate signal swing when running on a single 5 V supply to
handle an ac-coupled composite video signal.
The capacitor values were selected for providing minimum tilt
or field time distortion of the video signal. These values would
be required for video that is considered to be studio or
broadcast quality. However, if a lower consumer grade of video,
sometimes referred to as consumer video, is all that is desired,
the values and the cost of the capacitors can be reduced by as
much as a factor of 5 with minimum visible degradation in the
picture.
The input to the circuit in Figure 36 is a standard composite
(1 V p-p) video signal that has the blanking level at ground. The
input network level shifts the video signal by means of ac
coupling. The noninverting input of the op amp is biased to half
of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com