Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8091ARTZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8091ARTZ-R7
Description  Low Cost, High Speed Rail-to-Rail Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8091ARTZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8091ARTZ-R7 Datasheet HTML 7Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 8Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 9Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 10Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 11Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 12Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 13Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 14Page - Analog Devices AD8091ARTZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD8091/AD8092
Rev. B | Page 11 of 20
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
RF = 2kΩ
RL = 2kΩ
VO = 2V p-p
Figure 17. AD8092 Crosstalk (Output-to-Output) vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.03
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
Figure 18. CMRR vs. Frequency
100.000
31.000
10.000
3.100
1.000
0.310
0.100
0.031
0.010
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
G = +1
Figure 19. Closed-Loop Output Resistance vs. Frequency
20
10
0
–10
–20
–30
–40
–50
–60
–70
–80
0.01
0.1
1
10
100
500
FREQUENCY (MHz)
VS = 5V
–PSRR
+PSRR
Figure 20. PSRR vs. Frequency
70
60
50
40
30
20
10
0
0.5
1.0
1.5
2.0
INPUT STEPS (V p-p)
VS = 5V
G = –1
RL = 2kΩ
Figure 21. Setting Time vs. Input Step
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85
LOAD CURRENT (mA)
VS = 5V
VOH = +85°C
VOH = +25°C
VOH = –40°C
VOL = +85°C
VOL = +25°C
VOL = –40°C
Figure 22. Output Saturation Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com