Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8056ARM Datasheet(PDF) 5 Page - Analog Devices

Part # AD8056ARM
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARM Datasheet(HTML) 5 Page - Analog Devices

  AD8056ARM Datasheet HTML 1Page - Analog Devices AD8056ARM Datasheet HTML 2Page - Analog Devices AD8056ARM Datasheet HTML 3Page - Analog Devices AD8056ARM Datasheet HTML 4Page - Analog Devices AD8056ARM Datasheet HTML 5Page - Analog Devices AD8056ARM Datasheet HTML 6Page - Analog Devices AD8056ARM Datasheet HTML 7Page - Analog Devices AD8056ARM Datasheet HTML 8Page - Analog Devices AD8056ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8055/AD8056
Rev. J | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated by the
AD8055/AD8056 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass
transition temperature of the plastic, approximately 150°C.
Exceeding this limit temporarily can cause a shift in parametric
performance due to a change in the stresses exerted on the die
by the package. Exceeding a junction temperature of 175°C for
an extended period can result in device failure.
Supply Voltage
13.2 V
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±2.5 V
Output Short-Circuit Duration
Observe Power
Derating Curves
Storage Temperature Range N, R
−65°C to +150°C
Operating Temperature Range (A Grade)
−40°C to +125°C
Lead Temperature (Soldering 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
While the AD8055/AD8056 are internally short-circuit
protected, this may not be sufficient to guarantee that the
maximum junction temperature (150°C) is not exceeded under
all conditions. To ensure proper operation, it is necessary to
observe the maximum power derating curves.
0.5
SOT-23-5
0
1.0
1.5
2.0
2.5
MSOP-8
SOIC-8
PDIP-8
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
AMBIENT TEMPERATURE (°C)
Figure 5. Plot of Maximum Power Dissipation vs.
Temperature for AD8055/AD8056
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com