Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8056ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD8056ARM
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8056ARM Datasheet HTML 5Page - Analog Devices AD8056ARM Datasheet HTML 6Page - Analog Devices AD8056ARM Datasheet HTML 7Page - Analog Devices AD8056ARM Datasheet HTML 8Page - Analog Devices AD8056ARM Datasheet HTML 9Page - Analog Devices AD8056ARM Datasheet HTML 10Page - Analog Devices AD8056ARM Datasheet HTML 11Page - Analog Devices AD8056ARM Datasheet HTML 12Page - Analog Devices AD8056ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD8055/AD8056
Rev. J | Page 9 of 16
45
90
0
–45
–90
135
FREQUENCY (Hz)
180
10k
100k
1M
10M
100M
500M
FREQUENCY (MHz)
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
–100
0.1
1
10
100
500
402Ω
50Ω
402Ω
402Ω
58Ω
402Ω
Figure 24. CMRR vs. Frequency
Figure 27. Phase vs. Frequency
VOUT (2V/DIV)
VIN (1V/DIV)
G= +2
RL = 100Ω
RF = 402Ω
VS =±5V
50ns
–0.04
–0.02
0
0.02
0.04
–0.04
–0.02
0
0.02
0.04
IRE
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
IRE
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
1 BACK TERMINATED LOAD (150Ω)
1 BACK TERMINATED LOAD (150Ω)
G= +2
RF = 402Ω
G= +2
RF = 402Ω
Figure 25. Overload Recovery
Figure 28. Differential Gain and Differential Phase
FREQUENCY (MHz)
90
40
80
70
60
50
30
20
10
0
–10
0.01
0.1
1
10
100
500
RL =100Ω
–0.04
–0.02
0
0.02
0.04
IRE
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
IRE
1ST 2ND 3RD 4TH 5TH 6TH 7TH 8TH 9TH 10TH 11TH
G= +2
RF = 402Ω
–0.15
–0.10
0
0.05
0.15
0.10
–0.05
G= +2
RF = 402Ω
4 VIDEO LOADS (37.5Ω)
4 VIDEO LOADS (37.5Ω)
Figure 29. Differential Gain and Differential Phase
Figure 26. Open-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com