Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8056ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8056ARM
Description  Low Cost, 300 MHz Voltage Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8056ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8056ARM Datasheet HTML 4Page - Analog Devices AD8056ARM Datasheet HTML 5Page - Analog Devices AD8056ARM Datasheet HTML 6Page - Analog Devices AD8056ARM Datasheet HTML 7Page - Analog Devices AD8056ARM Datasheet HTML 8Page - Analog Devices AD8056ARM Datasheet HTML 9Page - Analog Devices AD8056ARM Datasheet HTML 10Page - Analog Devices AD8056ARM Datasheet HTML 11Page - Analog Devices AD8056ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8055/AD8056
Rev. J | Page 8 of 16
TIME (ns)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
VOUT =0VTO +2V OR
VOUT =0VTO –2V
G= +2
RL =100Ω
0
1020
304050
60
FREQUENCY (MHz)
0
–90
–10
–20
–30
–40
–50
–60
–70
–80
10
+PSRR
–PSRR
G= +2
RF =402Ω
0.1
1
10
100
500
Figure 18. Settling Time
Figure 21. PSRR vs. Frequency
1V
50ns
VIN
VOUT
G= +1
RL = 100Ω
VS =±5V
10
4
0
9
5
3
1
7
6
2
8
VIN (V p-p)
G= +2
RL =100Ω
RF =402Ω
FALL TIME
RISE TIME
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Figure 19. Rise Time and Fall Time vs. V
Figure 22. Overload Recovery
IN
5.0
2.0
0
4.5
2.5
1.5
0.5
3.5
3.0
1.0
4.0
G= +2
RL =1kΩ
RF =402Ω
FALL TIME
RISE TIME
VIN (V p-p)
0
0.2
0.4
0.6
0.8
1.6
1.0
1.2
1.4
FREQUENCY (MHz)
–30
–120
–40
–50
–60
–70
–80
–90
–100
–110
–20
SIDE 1 DRIVEN
SIDE 2 DRIVEN
0.1
1
10
100 200
VIN =0dBm
G= +2
RL =100Ω
RF =402Ω
Figure 20. Rise Time and Fall Time vs. VIN
Figure 23. Crosstalk (Output-to-Output) vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com