Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8129ARMZ
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8129ARMZ Datasheet HTML 13Page - Analog Devices AD8129ARMZ Datasheet HTML 14Page - Analog Devices AD8129ARMZ Datasheet HTML 15Page - Analog Devices AD8129ARMZ Datasheet HTML 16Page - Analog Devices AD8129ARMZ Datasheet HTML 17Page - Analog Devices AD8129ARMZ Datasheet HTML 18Page - Analog Devices AD8129ARMZ Datasheet HTML 19Page - Analog Devices AD8129ARMZ Datasheet HTML 20Page - Analog Devices AD8129ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
AD8129/AD8130
Rev. C | Page 17 of 40
1
–79
–73
–67
–61
–55
–49
10
FREQUENCY (MHz)
40
–43
G = +1
VS = ±2.5V
G = +1
G = +2
G = +2
VOUT = 2V p-p
VOUT = 1V p-p
0
0.5
1.0
1.5
2.0
2.5
3.0
–94
–88
–82
–76
–70
–64
VOUT (V p-p)
–58
–52
–46
VS = ±2.5V
fC = 5MHz
G = +2, HD3
G = +2, HD3
G = +1, HD3
G = +1, HD2
G = +2, HD2
G = +2, HD2
Figure 49. AD8130 Harmonic Distortion vs. Output Voltage
Figure 47. AD8130 Second Harmonic Distortion vs. Frequency
1
–96
–90
–84
–78
–72
–66
10
FREQUENCY (MHz)
40
–60
–54
–48
–42
VS = ±2.5V
VOUT = 2V p-p
VOUT = 1V p-p
G = +1
G = +2
G = +2
G = +1
Figure 48. AD8130 Third Harmonic Distortion vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com