Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129ARMZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD8129ARMZ
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARMZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD8129ARMZ Datasheet HTML 25Page - Analog Devices AD8129ARMZ Datasheet HTML 26Page - Analog Devices AD8129ARMZ Datasheet HTML 27Page - Analog Devices AD8129ARMZ Datasheet HTML 28Page - Analog Devices AD8129ARMZ Datasheet HTML 29Page - Analog Devices AD8129ARMZ Datasheet HTML 30Page - Analog Devices AD8129ARMZ Datasheet HTML 31Page - Analog Devices AD8129ARMZ Datasheet HTML 32Page - Analog Devices AD8129ARMZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AD8129/AD8130
Rev. C | Page 29 of 40
G = +1
VS = ±5V
23
20
17
14
11
–5
–4
–3
–2
–1
012345
DIFFERENTIAL INPUT (V)
Figure 113. AD8130 DC Power Supply Current vs. Differential Input Voltage
37
31
25
19
13
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
DIFFERENTIAL INPUT (V)
G = +1
VS = ±10V
Figure 114. AD8129 DC Power Supply Current vs. Differential Input Voltage
TEMPERATURE(°C)
3.0
–50
0
–1.0
–2.0
–3.0
1.0
2.0
–35
–20
–5
10
25
40
55
70
85
100
AD8130
AD8129
AD8130
VOUT = 100mV AC @ 1kHz
AD8129
Figure 115. AD8129/AD8130 Input Differential Voltage Range vs.
Temperature, 1% Gain Compression
G = +1
VS = ±5V
RL = 1kΩ
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
OUTPUT VOLTAGE (V)
Figure 116. AD8130 Gain Nonlinearity, VOUT = 2 V p-p
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
OUTPUT VOLTAGE (V)
G = +1
VS = ±5V
RL = 1kΩ
Figure 117. AD8130 Gain Nonlinearity, VOUT = 5 V p-p
4
2
0
–2
–4
–5
–4
–3
–2
–1
0
1234
5
DIFFERENTIAL INPUT (V)
3
1
–1
–3
VS = ±5V
Figure 118. AD8130 Differential Input Clipping Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com