Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8129ARMZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD8129ARMZ
Description  Low Cost 270 MHz Differential Receiver Amplifiers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8129ARMZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8129ARMZ Datasheet HTML 21Page - Analog Devices AD8129ARMZ Datasheet HTML 22Page - Analog Devices AD8129ARMZ Datasheet HTML 23Page - Analog Devices AD8129ARMZ Datasheet HTML 24Page - Analog Devices AD8129ARMZ Datasheet HTML 25Page - Analog Devices AD8129ARMZ Datasheet HTML 26Page - Analog Devices AD8129ARMZ Datasheet HTML 27Page - Analog Devices AD8129ARMZ Datasheet HTML 28Page - Analog Devices AD8129ARMZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
AD8129/AD8130
Rev. C | Page 25 of 40
1.00V
10.0ns
4V p-p
2V p-p
1V p-p
G = +5
VS = ±5V
CL = 10pF
1.00V
5.00ns
VOUT
VIN
Figure 89. AD8130 Transient Response with +3 V Common-Mode Input
Figure 92. AD8130 Transient Response vs. Output Amplitude
2.00V
10.0ns
VOUT = 8V p-p
G = +5
VS = ±5V
CL = 10pF
1.00V
5.00ns
VOUT
VIN
Figure 90. AD8130 Transient Response with −3 V Common-Mode Input
Figure 93. AD8130 Transient Response, VOUT = 8 V p-p, G = +5, VS = ±5 V
2.50V
5.00ns
G = +2
VS = ±12V
VOUT = 10V p-p
5.00V
10.0ns
VOUT = 20V p-p
G = +5
VS = ±12V
CL = 10pF
Figure 94. AD8130 Transient Response, VOUT = 20 V p-p, G = +5, VS = ±12 V
Figure 91. AD8130 Transient Response, VOUT = 10 V p-p, G = +2, VS = ±12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com