Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202YRZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8202YRZ-R7
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202YRZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8202YRZ-R7 Datasheet HTML 3Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 4Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 9Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 10Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD8202
Rev. D | Page 7 of 20
13
SUPPLY VOLTAGE (V)
0
–10
–20
–30
–40
–50
–60
–70
36
5
48
710
911
12
10k LOAD
NO LOAD
Figure 12. Output Minus Supply vs. Supply Voltage
2
1
CH1 500mV
Ω
50mV
Ω M 20μs 2.5MS/s 400NS/PT
A CH1
1.73V
CH2
OUTPUT
INPUT
Figure 13. Pulse Response
COMMON-MODE VOLTAGE (V)
1000
800
0
–200
200
600
400
–400
–600
–800
–1000
–10
–5
10
5
020
15
30
25
–40
°C
+85
°C
+125
°C
+25
°C
Figure 14. VOS vs. Common-Mode Voltage
18
12
14
16
10
8
6
4
2
0
CMRR (
μV/V)
TEMPERATURE = 25
°C
Figure 15. CMRR Distribution, −8 V to +28 V Common Mode
8
7
6
5
4
3
2
1
0
VOS DRIFT (μV/°C)
VSUPPLY = 5V
TEMPERATURE RANGE =
–40
°C TO +25°C
Figure 16. Offset Drift Distribution, MSOP,
Temperature Range = −40°C to +25°C
12
10
8
6
4
2
0
VOS DRIFT (μV/°C)
VSUPPLY = 5V
TEMPERATURE RANGE =
25
°C TO 125°C
Figure 17. Offset Drift Distribution, MSOP,
Temperature Range = 25°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com