Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202YRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8202YRZ-R7
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202YRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8202YRZ-R7 Datasheet HTML 1Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 2Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 3Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 4Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 5Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 6Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 7Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Common-Mode Voltage,
Single-Supply Difference Amplifier
AD8202
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
High common-mode voltage range
−8 V to +28 V at a 5 V supply voltage
Operating temperature range: −40°C to +125°C
Supply voltage range: 3.5 V to 12 V
Low-pass filter (1-pole or 2-pole)
Excellent ac and dc performance
±1 mV voltage offset
±1 ppm/°C typical gain drift
80 dB CMRR min dc to 10 kHz
APPLICATIONS
Transmission control
Diesel injection control
Engine management
Adaptive suspension control
Vehicle dynamics control
GENERAL DESCRIPTION
The AD8202 is a single-supply difference amplifier for amplifying
and low-pass filtering small differential voltages in the presence of a
large common-mode voltage (CMV). The input CMV range
extends from −8 V to +28 V at a typical supply voltage of 5 V.
The AD8202 is available in die and packaged form. The MSOP
and SOIC packages are specified over a wide temperature range,
from −40°C to +125°C, making the AD8202 well-suited for use
in many automotive platforms.
Automotive platforms demand precision components for
better system control. The AD8202 provides excellent ac and
dc performance keeping errors to a minimum in the user’s
system. Typical offset and gain drift in the SOIC package are
0.3 μV/°C and 1 ppm/°C, respectively. Typical offset and gain
drift in the MSOP package are 2 μV/°C and 1 ppm/°C, respec-
tively. The device also delivers a minimum CMRR of 80 dB
from dc to 10 kHz.
The AD8202 features an externally accessible 100 kΩ resistor
at the output of the Preamp A1 that can be used for low-pass
filter applications and for establishing gains other than 20.
FUNCTIONAL BLOCK DIAGRAMS
A1
+IN
–IN
200k
Ω
200k
Ω
100k
Ω
A2
+IN
–IN
G =
×10
G =
×2
AD8202
10k
Ω
10k
Ω
+IN
–IN
GND
OUT
NC
A1
A2
+VS
NC = NO CONNECT
2
5
6
4
7
8
1
3
Figure 1. SOIC (R) Package Die Form
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
5V
OUTPUT
INDUCTIVE
LOAD
POWER
DEVICE
4-TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
NC = NO CONNECT
Figure 2. High Line Current Sensor
GND
NC
–IN
+IN
A1
+VS
A2
OUT
AD8202
5V
OUTPUT
INDUCTIVE
LOAD
POWER
DEVICE
4-TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
NC = NO CONNECT
Figure 3. Low Line Current Sensor


Similar Part No. - AD8202YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8202YR AD-AD8202YR Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8202YR-REEL AD-AD8202YR-REEL Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8202YR-REEL7 AD-AD8202YR-REEL7 Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
More results

Similar Description - AD8202YRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
High Common-Mode Voltage Difference Amplifier
REV.A
AD8200 AD-AD8200 Datasheet
186Kb / 8P
High Common-Mode Voltage, Single Supply Difference Amplifier
REV.0
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8202 AD-AD8202 Datasheet
269Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
7/04-Revision 0
AD8203 AD-AD8203 Datasheet
313Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
10/05-Rev. A to Rev. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com