Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8202YRZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8202YRZ-R7
Description  High Common-Mode Voltage, Single-Supply Difference Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8202YRZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8202YRZ-R7 Datasheet HTML 8Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 9Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 10Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 11Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 12Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 13Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 14Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 15Page - Analog Devices AD8202YRZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD8202
Rev. D | Page 12 of 20
THEORY OF OPERATION
The AD8202 consists of a preamp and buffer arranged as shown
in Figure 40. Like-named resistors have equal values.
The preamp uses a dynamic bridge (subtractor) circuit.
Identical networks (within the shaded areas), consisting of RA,
RB, RC, and RG, attenuate input signals applied to Pin 1 and
Pin 8. When equal amplitude signals are asserted at Input 1 and
Input 8, and the output of A1 is equal to the common potential
(that is, 0), the two attenuators form a balanced-bridge network.
When the bridge is balanced, the differential input voltage at
A1, and thus its output, is 0.
Any common-mode voltage applied to both inputs keeps the
bridge balanced and the A1 output at 0. Because the resistor
networks are carefully matched, the common-mode signal
rejection approaches this ideal state.
However, if the signals applied to the inputs differ, the result is a
difference at the input to A1. A1 responds by adjusting its output
to drive RB, by way of RG, to adjust the voltage at its inverting
input until it matches the voltage at its noninverting input.
By attenuating voltages at Pin 1 and Pin 8, the amplifier inputs
are held within the power supply range, even if Pin 1 and Pin 8
input levels exceed the supply or fall below common (ground).
The input network also attenuates normal (differential) mode
voltages. RC and RG form an attenuator that scales A1 feedback,
forcing large output signals to balance relatively small differen-
tial inputs. The resistor ratios establish the preamp gain at 10.
Because the differential input signal is attenuated and then
amplified to yield an overall gain of 10, Amplifier A1 operates
at a higher noise gain, multiplying deficiencies such as input
offset voltage and noise with respect to Pin 1 and Pin 8.
A1
A3
RCM
RCM
(TRIMMED)
100k
Ω
RA
–IN
RG
RC
RB
RA
RC
RB
RG
+IN
COM
A2
RF
RF
AD8202
5
4
3
1
2
8
Figure 40. Simplified Schematic
To minimize these errors while extending the common-mode
range, a dedicated feedback loop is used to reduce the range of
common-mode voltage applied to A1 for a given overall range at
the inputs. By offsetting the voltage range applied to the com-
pensator, the input common-mode range is also offset to include
voltages more negative than the power supply.
Amplifier A3 detects the common-mode signal applied to A1
and adjusts the voltage on the matched RCM resistors to reduce
the common-mode voltage range at the A1 inputs. By adjusting
the common voltage of these resistors, the common-mode input
range is extended while, at the same time, the normal mode
signal attenuation is reduced, leading to better performance
referred to input.
The output of the dynamic bridge taken from A1 is connected
to Pin 3 by way of a 100 kΩ series resistor, provided for low-
pass filtering and gain adjustment. The resistors in the input
networks of the preamp and the buffer feedback resistors are
ratio-trimmed for high accuracy.
The output of the preamp drives a gain-of-2 buffer amplifier,
A2, implemented with carefully matched feedback resistors (RF).
The 2-stage system architecture of the AD8202 enables the user
to incorporate a low-pass filter prior to the output buffer. By
separating the gain into two stages, a full-scale, rail-to-rail
signal from the preamp can be filtered at Pin 3, and a half-scale
signal, resulting from filtering, can be restored to full scale by
the output buffer amp. The source resistance seen by the
inverting input of A2 is approximately 100 kΩ to minimize the
effects of the input bias current of A2. However, this current is
quite small, and errors resulting from applications that mismatch
the resistance are correspondingly small.
The A2 input bias current has a typical value of 40 nA, however,
this can increase under certain conditions. For example, if the
input signal to the A2 amplifier is VCC/2, the output attempts to
go to VCC due to the gain of 2. However, the output saturates
because the maximum specified voltage for correct operation is
200 mV below VCC. Under these conditions the total input bias
current increases (see Figure 41 for more information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com