Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8315ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD8315ARMZ
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8315ARMZ Datasheet HTML 6Page - Analog Devices AD8315ARMZ Datasheet HTML 7Page - Analog Devices AD8315ARMZ Datasheet HTML 8Page - Analog Devices AD8315ARMZ Datasheet HTML 9Page - Analog Devices AD8315ARMZ Datasheet HTML 10Page - Analog Devices AD8315ARMZ Datasheet HTML 11Page - Analog Devices AD8315ARMZ Datasheet HTML 12Page - Analog Devices AD8315ARMZ Datasheet HTML 13Page - Analog Devices AD8315ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8315
Rev. C | Page 10 of 24
SUPPLY VOLTAGE (V)
3.5
2.7
3.3
3.1
2.9
2.7
2.5
2.3
4mA
6mA
0mA
2mA
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
Figure 21. Maximum VAPC Voltage vs. Supply Voltage by Load Current
AVERAGE = 16 SAMPLES
GND
GND
200mV PER VERTICAL
DIVISION
VAPC
1V PER
VERTICAL
DIVISION
2µs PER
HORIZONTAL
DIVISION
VENBL
Figure 22. ENBL Response Time
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
220pF
2.7V
52.3Ω
0.1µF
TRIG
STANFORD DS345
PULSE
GENERATOR
PULSE OUT
RF OUT
TIMEBASE
TRIG
OUT
TEK TDS694C
SCOPE
TEK P6205
FET PROBE
TEK P6205
FET PROBE
10MHz REF
OUTPUT
R AND S
SMT03
SIGNAL
GENERATOR
Figure 23. Test Setup for ENBL Response Time
SUPPLY VOLTAGE (V)
2.8
2.7
2.7
2.6
2.5
2.4
2.9
SHADING INDICATES
±3 SIGMA
2.8
3.0
Figure 24. Maximum VAPC Voltage vs. Supply Voltage with 4 mA Load Current
GND
GND
AVERAGE = 16 SAMPLES
1V PER
VERTICAL
DIVISION
PULSED RF
0.1GHz, –13dBV
100ns PER
HORIZONTAL
DIVISION
RF
INPUT
VAPC
Figure 25. VAPC Response Time, Full-Scale Amplitude Change, Open-Loop
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
4
5
6
7
8
2.7V
0.1µF
TRIG
PULSE OUT
EXT TRIG
NC
PULSE MODE IN
OUT
52.3Ω
RF OUT
–3dB
–3dB
2.7V
0.3V
R AND S SMT03
SIGNAL
GENERATOR
PULSE
MODULATION
MODE
RF
SPLITTER
PICOSECOND
PULSE LABS
PULSE
GENERATOR
TRIG
OUT
TEKTDS694C
SCOPE
TEK P6205
FET PROBE
10MHz REF
OUTPUT
Figure 26. Test Setup for VAPC Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com