Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8315ARMZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD8315ARMZ
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARMZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8315ARMZ Datasheet HTML 12Page - Analog Devices AD8315ARMZ Datasheet HTML 13Page - Analog Devices AD8315ARMZ Datasheet HTML 14Page - Analog Devices AD8315ARMZ Datasheet HTML 15Page - Analog Devices AD8315ARMZ Datasheet HTML 16Page - Analog Devices AD8315ARMZ Datasheet HTML 17Page - Analog Devices AD8315ARMZ Datasheet HTML 18Page - Analog Devices AD8315ARMZ Datasheet HTML 19Page - Analog Devices AD8315ARMZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8315
Rev. C | Page 16 of 24
33
0
23
13
3
–7
V2, P2
V1, P1
VAPC (V)
0.5
1.0
1.5
2.0
2.5
Figure 35. Typical Power-Control Curve
A NOTE ABOUT POWER EQUIVALENCY
In using the AD8315, it must be understood that log amps do
not fundamentally respond to power. It is for this reason that
dBV (decibels above 1 V rms) are used rather than the commonly
used metric of dBm. The dBV scaling is fixed, independent of
termination impedance, while the corresponding power level is
not. For example, 224 mV rms is always −13 dBV (with one
further condition of an assumed sinusoidal waveform; see the
AD640 data sheet for more information about the effect of
waveform on logarithmic intercept), and this corresponds to a
power of 0 dBm when the net impedance at the input is 50 Ω.
When this impedance is altered to 200 Ω, however, the same
voltage corresponds to a power level that is four times smaller
(P = V2/R) or −6 dBm. A dBV level can be converted to dBm in
the special case of a 50 Ω system and a sinusoidal signal by
simply adding 13 dB (0 dBV is then, and only then, equivalent
to 13 dBm).
Therefore, the external termination added ahead of the AD8315
determines the effective power scaling. This often takes the
form of a simple resistor (52.3 Ω provides a net 50 Ω input), but
more elaborate matching networks can be used. The choice of
impedance determines the logarithmic intercept, that is, the
input power for which the VSET vs. PIN function would cross the
baseline if that relationship were continuous for all values of
VIN. This is never the case for a practical log amp; the intercept
(so many dBV) refers to the value obtained by the minimum
error straight line fit to the actual graph of VSET vs. PIN (more
generally, VIN). Where the modulation is complex, as in CDMA,
the calibration of the power response needs to be adjusted; the
intercept remains stable for any given arbitrary waveform.
When a true power (waveform independent) response is
needed, a mean-responding detector, such as the AD8361,
should be considered.
The logarithmic slope, VSLP in Equation 1, which is the amount
by which the setpoint voltage needs to be changed for each
decibel of input change (voltage or power), is, in principle,
independent of waveform or termination impedance. In
practice, it usually falls off somewhat at higher frequencies,
due to the declining gain of the amplifier stages and other
effects in the detector cells (see Figure 15).
BASIC CONNECTIONS
Figure 36 shows the basic connections for operating the
AD8315, and Figure 37 shows a block diagram of a typical
application. The AD8315 is typically used in the RF power
control loop of a mobile handset.
A supply voltage of 2.7 V to 5.5 V is required for the AD8315.
The supply to the VPOS pin should be decoupled with a low
inductance 0.1 μF surface-mount ceramic capacitor, close to the
device. The AD8315 has an internal input coupling capacitor.
This negates the need for external ac coupling. This capacitor,
along with the low frequency input impedance of the device of
approximately 2.8 kΩ, sets the minimum usable input frequency to
around 0.016 GHz. A broadband 50 Ω input match is achieved
in this example by connecting a 52.3 Ω resistor between RFIN
and ground. A plot of input impedance vs. frequency is shown
in Figure 11. Other coupling methods are also possible (see
Input Coupling Options section).
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
AD8315
1
2
3
5
4
6
7
8
RFIN
(2.7V TO 5.5V)
C1
0.1µF
R1
52.3Ω
CFLT
VSET
+VS
+VS
+VAPC
Figure 36. Basic Connections
RFIN
VSET
AD8315
VAPC
FLTR
DAC
RFIN
ATTENUATOR
52.3Ω
POWER
AMP
DIRECTIONAL
COUPLER
GAIN
CONTROL
VOLTAGE
CFLT
Figure 37. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com