Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8315ARMZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD8315ARMZ
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARMZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8315ARMZ Datasheet HTML 16Page - Analog Devices AD8315ARMZ Datasheet HTML 17Page - Analog Devices AD8315ARMZ Datasheet HTML 18Page - Analog Devices AD8315ARMZ Datasheet HTML 19Page - Analog Devices AD8315ARMZ Datasheet HTML 20Page - Analog Devices AD8315ARMZ Datasheet HTML 21Page - Analog Devices AD8315ARMZ Datasheet HTML 22Page - Analog Devices AD8315ARMZ Datasheet HTML 23Page - Analog Devices AD8315ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8315
Rev. C | Page 21 of 24
Figure 44. Layout of Component Side (MSOP)
EVALUATION BOARD REV A
PWUP GND
TP2
AD8315
VAPC
J2
VPOS
TP1
R3
C1
R2
R1
C4
Z1
R8
LK2
PWDN
A
B
SW1
RFIN
J1
J3
C3
R6
A1
LK1
VSET
08 - 006794 REV A
COMPONENT SIDE
Figure 45. Silkscreen of Component Side (MSOP)
For operation in controller mode, both jumpers, LK1 and LK2,
should be removed. The setpoint voltage is applied to VSET,
RFIN is connected to the RF source (PA output or directional
coupler), and VAPC is connected to the gain control pin of the
PA. When used in controller mode, a capacitor must be installed in
C4 for loop stability. For GSM/DCS handset power amplifiers,
this capacitor should typically range from 150 pF to 300 pF.
A quasimeasurement mode (where the AD8315 delivers an
output voltage that is proportional to the log of the input signal)
can be implemented, to establish the relationship between VSET
and RFIN, by installing the two jumpers, LK1 and LK2. This
mimics an AGC loop. To establish the transfer function of the
log amp, the RF input should be swept while the voltage on
VSET is measured, that is, the SMA connector labeled VSET
now acts as an output. This is the simplest method to validate
operation of the evaluation board. When operated in this mode,
a large capacitor (0.01 μF or greater) must be installed in C4
(filter capacitor) to ensure loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com