Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 4 Page - Analog Devices

  AD8328 Datasheet HTML 1Page - Analog Devices AD8328 Datasheet HTML 2Page - Analog Devices AD8328 Datasheet HTML 3Page - Analog Devices AD8328 Datasheet HTML 4Page - Analog Devices AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8328
Rev. A | Page 4 of 20
1 TOKO 458 PT-1087 used for above specifications. Typical insertion loss of 0.3 dB @ 10 MHz.
2 Guaranteed by design and characterization to ±4 sigma for TA = 25°C.
3 Measured through a 2:1 transformer.
4 Specification is worst case over all gain codes.
5 Guaranteed by design and characterization to ±3 sigma for TA = 25°C.
6 VIN = 29 dBmV, QPSK modulation, 160 kSPS symbol rate.
LOGIC INPUTS (TTL-/CMOS-COMPATIBLE LOGIC)
DATEN, CLK, SDATA, TXEN, SLEEP, VCC = 5 V; full temperature range.
Table 2.
Parameter
Min
Typ
Max
Unit
Logic 1 Voltage
2.1
5.0
V
Logic 0 Voltage
0
0.8
V
Logic 1 Current (VINH = 5 V) CLK, SDATA, DATEN
0
20
nA
Logic 0 Current (VINL = 0 V) CLK, SDATA, DATEN
–600
–100
nA
Logic 1 Current (VINH = 5 V) TXEN
50
190
μA
Logic 0 Current (VINL = 0 V) TXEN
−250
−30
μA
Logic 1 Current (VINH = 5 V) SLEEP
50
190
μA
Logic 0 Current (VINL = 0 V) SLEEP
−250
−30
μA
TIMING REQUIREMENTS
Full temperature range, VCC = 5 V, tR = tF = 4 ns, fCLK = 8 MHz, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Clock Pulse Width (tWH)
16.0
ns
Clock Period (tC)
32.0
ns
Setup Time SDATA vs. Clock (tDS)
5.0
ns
Setup Time DATEN vs. Clock (tES)
15.0
ns
Hold Time SDATA vs. Clock (tDH)
5.0
ns
Hold Time DATEN vs. Clock (tEH)
3.0
ns
Input Rise and Fall Times, SDATA, DATEN, Clock (tR, tF)
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com