Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8328 Datasheet HTML 9Page - Analog Devices AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices AD8328 Datasheet HTML 12Page - Analog Devices AD8328 Datasheet HTML 13Page - Analog Devices AD8328 Datasheet HTML 14Page - Analog Devices AD8328 Datasheet HTML 15Page - Analog Devices AD8328 Datasheet HTML 16Page - Analog Devices AD8328 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8328
Rev. A | Page 13 of 20
DIFFERENTIAL SIGNAL SOURCE
Typical applications for the AD8328 use a differential input
signal from a modulator or a DAC. See Table 7 for common
values of R4, or calculate other input configurations using
Equation 2. This circuit configuration will give optimal
distortion results due to the symmetric input signals. Note
that this configuration was used to characterize the AD8328.
IN
IN
Z
Z
R4
−
×
=
kΩ
1.6
kΩ
1.6
(2)
VIN+
VIN–
R4
AD8328
ZIN
Figure 21. Differential Circuit
DIFFERENTIAL SIGNAL FROM SINGLE-ENDED
SOURCE
The default configuration of the evaluation board implements
a differential signal drive from a single-ended signal source.
This configuration uses a 1:1 balun transformer to approximate
a differential signal. Because of the nonideal nature of real
transformers, the differential signal is not purely equal and
opposite in amplitude. Although this circuit slightly sacrifices
even-order harmonic distortion due to asymmetry, it does
provide a convenient way to evaluate the AD8328 with a single-
ended source.
The AD8328 evaluation board is populated with a TOKO
617DB-A0070 1:1 for this purpose (T1). Table 7 provides
typical R4 values for common input configurations. Other input
impedances can be calculated using Equation 3. See Figure 26
for a schematic of the evaluation board. To use the transformer
for converting a single-ended source into a differential signal,
the input signal must be applied to VIN+.
IN
IN
Z
Z
R4
−
×
=
kΩ
1.6
kΩ
1.6
(3)
R4
AD8328
VIN+
ZIN
Figure 22. Single-to-Differential Circuit
SINGLE-ENDED SOURCE
Although the AD8328 was designed to have optimal DOCSIS
performance when used with a differential input signal, the
AD8328 can also be used as a single-ended receiver, or an IF
digitally controlled amplifier. However, as with the single-
ended-to-differential configuration previously noted, even-
order harmonic distortion is slightly degraded.
When operating the AD8328 in a single-ended input mode,
VIN+ and VIN– should be terminated as shown in Figure 23.
On the AD8328 evaluation boards, this termination method
requires the removal of R2 and R3 to be shorted with R4 open,
as well as the addition of 82.5 Ω at R1 and 39.2 Ω at R17 for
75 Ω termination. Table 7 shows the correct values for R11
and R12 for some common input configurations. Other input
impedance configurations can be accommodated using
Equation 4 and Equation 5.
IN
IN
Z
Z
R
−
×
=
800
800
1
(4)
IN
IN
Z
R
R
Z
R
+
×
=
1
1
17
(5)
R1
R17
AD8328
VIN+
ZIN
Figure 23. Single-Ended Circuit
Table 7. Common Matching Resistors
Differential Input Termination
ZIN (Ω)
R2/R3
R4 (Ω)
R1/R17
50
Open
51.1
Open/Open
75
Open
78.7
Open/Open
100
Open
107.0
Open/Open
150
Open
165.0
Open/Open
Single-Ended Input Termination
ZIN (Ω)
R2 (Ω)/R3 (Ω)
R4 (Ω)
R1 (Ω)/R17 (Ω)
50
0/0
Open
53.6/25.5
75
0/0
Open
82.5/39.2
OVERSHOOT ON PC PRINTER PORTS
The data lines on some PC parallel printer ports have excessive
overshoot that can cause communication problems when
presented to the CLK pin of the AD8328. The evaluation
board was designed to accommodate a series resistor and
shunt capacitor (R2 and C5 in Figure 26) to filter the CLK
signal if required.
INSTALLING VISUAL BASIC CONTROL SOFTWARE
Install the CabDrive_28 software by running the setup.exe file
on Disk One of the AD8328 evaluation software. Follow the on-
screen directions and insert Disk Two when prompted. Choose
the installation directory and then select the icon in the upper
left to complete the installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com