Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8328 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8328
Description  5 V Upstream Cable Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8328 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8328 Datasheet HTML 5Page - Analog Devices AD8328 Datasheet HTML 6Page - Analog Devices AD8328 Datasheet HTML 7Page - Analog Devices AD8328 Datasheet HTML 8Page - Analog Devices AD8328 Datasheet HTML 9Page - Analog Devices AD8328 Datasheet HTML 10Page - Analog Devices AD8328 Datasheet HTML 11Page - Analog Devices AD8328 Datasheet HTML 12Page - Analog Devices AD8328 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8328
Rev. A | Page 9 of 20
40
30
20
10
0
–10
–20
–30
–40
FREQUENCY (MHz)
DEC60
DEC54
DEC48
DEC24
DEC36
DEC42
DEC30
DEC12
DEC18
DEC 1 TO DEC 6
0.1
1
10
100
1000
Figure 13. AC Response
GAIN CONTROL (Decimal Code)
1.4
1.2
1.0
0.8
0.6
f = 10MHz
0
6
12
18
24
30
36
42
48
54
60
Figure 14. Output Step Size vs. Gain Control
GAIN CONTROL (Decimal Code)
140
120
100
80
60
40
20
0
f = 10MHz
TXEN = 1
0
6
12
18
24
30
36
42
48
54
60
Figure 15. Output Referred Voltage Noise vs. Gain Control
FREQUENCY (MHz)
–90
–100
–80
–70
–60
–50
–40
–30
–20
–10
0
TXEN = 0
VIN = 29dBmV
MAX GAIN
MIN GAIN
1
10
100
1000
Figure 16. Isolation in Transmit Disable Mode vs. Frequency
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
f = 10MHz
f = 5MHz
f = 42MHz
f = 65MHz
GAIN CONTROL (Decimal Code)
0
6
12
18
24
30
36
42
48
54
60
Figure 17. Gain Error vs. Gain Control
130
GAIN CONTROL (Decimal Code)
120
100
80
60
50
30
20
110
90
70
40
0
10
2030
4050
60
Figure 18. Supply Current vs. Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com