Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD8337
Rev. B | Page 21 of 24
In the time domain, stray capacitance at the output pin can
induce overshoot on the edges of transient signals, as seen in
Figure 70 and Figure 72. The amplitude of the overshoot is
also a function of the slewing of the transient (not shown).
The transition time of the input pulses used for Figure 70
and Figure 72 was set deliberately high at 300 ps to demonstrate
the fast response time of the amplifier. Signals with longer
transition times generate less overshoot.
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
OUTPUT
800
–800
70
80
–80
INPUT
CL = 0pF
CL = 10pF
CL = 22pF
NO SNUBBING RESISTOR
Figure 70. Pulse Response for Two Values of Output Capacitance
with ±2.5 V Supplies and No Snubbing Resistor
CL = 0pF
CL = 10pF
CL = 22pF
WITH 20
Ω SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
80
–80
Figure 71. Pulse Response for Two Values of Output Capacitance
with ±2.5 V Supplies and a 20 Ω Snubbing Resistor
CL = 0pF
CL= 10pF
CL = 22pF
WITH NO SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
–80
80
VS = ±5V
Figure 72. Large Signal Pulse Response for Two Values of Output
Capacitance with ±5 V Supplies and No Snubbing Resistor
CL = 0pF
CL = 10pF
CL = 22pF
WITH 20Ω SNUBBING RESISTOR
–600
–200
0
0
600
400
–20
–400
TIME (ns)
–10
30
20
10
50
60
40
80
–60
0
–20
20
60
40
–40
200
INPUT
OUTPUT
800
–800
70
–80
80
VS = ±5V
Figure 73. Pulse Response for Two Values of Output Capacitance
with ±5 V Supplies and a 20 Ω Snubbing Resistor
The effects of stray output capacitance are mitigated with a
small value snubbing resistor, RSNUB, placed in series with, and
as near as possible to, the output pin.
,
, and
show the improvement in dynamic performance with
a 20 Ω snubbing resistor. R
B
Figure 69 Figure 71
Figure 73
SNUB
B
reduces the gain slightly by the
ratio of RLOAD/(RSNUB + RLOAD), a very small loss when used with
high impedance loads, such as ADCs. For other loads, alternate
values of RSNUB can be determined empirically. The data for the
curves in the Typical Performance Characteristics section of this
data sheet are derived using a 20 Ω snubbing resistor.
The best way to avoid the effects of stray capacitance is to
exercise care in PC board layout. Locate the passive components
or devices connected to the AD8337 output pins as close as
possible to the package.
Although a nonissue, the preamplifier output is also sensitive
to load capacitance. However, the series connection of RFB1
and RFB2 is typically the only load connected to the preamplifier.
If overshoot appears, it can be mitigated in the same way as the
VGA output, by inserting a snubbing resistor.
GAIN CONTROL CONSIDERATIONS
In typical applications, voltages applied to the GAIN input are dc
or relatively low frequency signals. The high input impedance of
the AD8337 enables several devices to be connected in parallel.
This is useful for arrays of VGAs, such as those used for calibra-
tion adjustments.
Under dc or slowly changing ramp conditions, the gain tracks
the gain control voltage as shown in Figure 3. However, it is
often necessary to consider other effects influenced by the
VGAIN input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com