Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8337
Rev. B | Page 24 of 24
OUTLINE DIMENSIONS
1
EXPOSED
PAD
(BOTTOM VIEW)
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50
REF
0.50
0.40
0.30
2.75
BSC SQ
TOP
VIEW
12° MAX
0.70 MAX
0.65TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90 MAX
0.85 NOM
0.30
0.23
0.18
0.05 MAX
0.01 NOM
0.20 REF
1.89
1.74
1.59
4
1.60
1.45
1.30
3.00
BSC SQ
5
8
EXPOSED PAD IS NOT CONNECTED INTERNALLY.
FOR INCREASED RELIABILITY OF THE SOLDER
JOINTS AND MAXIMUM THERMAL CAPABILITY IT
IS RECOMMENDED THAT THE PAD BE SOLDERED
TO THE GROUND PLANE.
Figure 79. 8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
3 mm × 3 mm Body, Very Thin, Dual Lead
(CP-8-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
AD8337BCPZ-R21
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-REEL1
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-REEL71
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337BCPZ-WP1
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP_VD]
CP-8-2
HVB
AD8337-EVALZ1
Evaluation Board with Noninverting Gain Configuration
AD8337-EVAL-INV
Evaluation Board with Inverting Gain Configuration
AD8337-EVAL-SS
Evaluation Board with Single-Supply Operation
1 Z = Pb-free part.
©2005-2007 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D05575-0-2/07(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com