Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8337BCPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8337BCPZ-R2
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337BCPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8337BCPZ-R2 Datasheet HTML 16Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 17Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 18Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 19Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 20Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 21Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 22Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 23Page - Analog Devices AD8337BCPZ-R2 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
AD8337
Rev. B | Page 23 of 24
IN
–VS
1
8
7
6
5
4
3
2
VOUT
VCOM
INPP
VPOS
GAIN
VNEG
PRAO
INPN
U1
AD8337
TP1
VOUT
R2
49.9Ω
RVO1
453Ω
GND4
R5
RFB2
100Ω
RFB1
100Ω
R4
0Ω
RPO2
453Ω
PRAO
CG
1nF
L2
120nH
R1
49.9Ω
GAIN
C4
0.1µF
C3
0.1µF
C2
10µF
+
+
C1
10µF
RVO3
0Ω
L1
120nH
J1
+VS
GND3
GND2
GND1
Figure 76. Evaluation Board Schematic—Noninverting Configuration
Figure 77. Evaluation Board—Component Side Copper
Figure 78. Evaluation Board—Wiring Side Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com