Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP401 Datasheet(PDF) 4 Page - Analog Devices

Part # CMP401
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP401 Datasheet(HTML) 4 Page - Analog Devices

  CMP401_02 Datasheet HTML 1Page - Analog Devices CMP401_02 Datasheet HTML 2Page - Analog Devices CMP401_02 Datasheet HTML 3Page - Analog Devices CMP401_02 Datasheet HTML 4Page - Analog Devices CMP401_02 Datasheet HTML 5Page - Analog Devices CMP401_02 Datasheet HTML 6Page - Analog Devices CMP401_02 Datasheet HTML 7Page - Analog Devices CMP401_02 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
CMP401/CMP402
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the CMP401/CMP402 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 16 V
Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
Analog Positive Supply—Digital Positive Supply . . . . –200 mV
Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7 V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . .
±9 V
Output Short-Circuit Duration to GND . . . . . . . . . Indefinite
Storage Temperature Range
S, RU Package . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
CMP401G, CMP402G . . . . . . . . . . . . . . –40
°C to +125°C
Junction Temperature Range
S, RU Package . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
Package Type
JA
3
JC
Units
16-Lead SO (S)
113
37
°C/W
16-Lead TSSOP (RU)
180
37
°C/W
NOTES
1Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
2The analog input voltage is equal to
±7 V or the analog supply voltage, whichever
is less.
3
JA is specified for the worst-case conditions, i.e.,
JA is specified for device soldered
in circuit board for SOIC and TSSOP packages.
PIN CONFIGURATIONS
16-Lead Narrow-SO
(S-Suffix)
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
OUT B
OUT A
V+ DIG
V+ ANA
–IN A
+IN A
–IN B
+IN B
V– ANA
DIG GND
OUT D
OUT C
–IN C
+IN D
–IN D
+IN C
TOP VIEW
(Not to Scale)
CMP401/
402
16-Lead
TSSOP
(RU-Suffix)
OUT B
OUT A
V+ DIG
V+ ANA
–IN A
+IN A
–IN B
+IN B
V– ANA
DIG GND
OUT D
OUT C
–IN C
+IN D
–IN D
+IN C
116
8
9
TOP VIEW
(Not to Scale)
CMP401/
402
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
CMP401GS
–40
°C to +125°C 16-Lead SOIC
R-16A
CMP401GRU
–40
°C to +125°C 16-Lead TSSOP
RU-16
CMP402GS
–40
°C to +125°C 16-Lead SOIC
R-16A
CMP402GRU
–40
°C to +125°C 16-Lead TSSOP
RU-16
+IN
–IN
V+ ANA
V– ANA
V+ DIG
OUT
DIG GND
Figure 1. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com