Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP401 Datasheet(PDF) 3 Page - Analog Devices

Part # CMP401
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP401 Datasheet(HTML) 3 Page - Analog Devices

  CMP401_02 Datasheet HTML 1Page - Analog Devices CMP401_02 Datasheet HTML 2Page - Analog Devices CMP401_02 Datasheet HTML 3Page - Analog Devices CMP401_02 Datasheet HTML 4Page - Analog Devices CMP401_02 Datasheet HTML 5Page - Analog Devices CMP401_02 Datasheet HTML 6Page - Analog Devices CMP401_02 Datasheet HTML 7Page - Analog Devices CMP401_02 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. A
–3–
CMP401/CMP402
ELECTRICAL SPECIFICATIONS (@ V±
ANA =
±5 V, VDIG = 5.0 V, TA = 25 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
1
VOS
VCM = 0 V
3
mV
Input Common-Mode Voltage Range
VCM
–5.0
+4.0
V
Input Differential Voltage Range
VDIFF
±8.0
V
Common-Mode Rejection
CMRR
–4.9 V
≤ V
CM
≤ 3.9 V
60
dB
Offset Voltage Drift
∆V
OS/
∆T1
5
µV/°C
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
V
±
ANA
±3 V to ±6 V
60
dB
Analog Supply Current – CMP401
IANA
6.5
mA
Digital Supply Current – CMP401
IDIG
VO = 0 V, RL =
∞
2.0
mA
Analog Supply Current – CMP402
IANA
2.0
mA
Digital Supply Current – CMP402
IDIG
VO = 0 V, RL =
∞
2.0
mA
DYNAMIC PERFORMANCE
Propagation Delay – CMP401
tP
100 mV Step with 20 mV OD
23
ns
Propagation Delay – CMP402
tP
100 mV Step with 20 mV OD
65
ns
NOTES
1Offset voltage is defined as (V
OS+ + VOS–)/2.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com