Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP401 Datasheet(PDF) 5 Page - Analog Devices

Part # CMP401
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP401 Datasheet(HTML) 5 Page - Analog Devices

  CMP401_02 Datasheet HTML 1Page - Analog Devices CMP401_02 Datasheet HTML 2Page - Analog Devices CMP401_02 Datasheet HTML 3Page - Analog Devices CMP401_02 Datasheet HTML 4Page - Analog Devices CMP401_02 Datasheet HTML 5Page - Analog Devices CMP401_02 Datasheet HTML 6Page - Analog Devices CMP401_02 Datasheet HTML 7Page - Analog Devices CMP401_02 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
–5–
Typical Performance Characteristics–CMP401/CMP402
OVERDRIVE – mV
40
35
0
010
50
20
30
40
20
15
10
5
30
25
+PDELAY
–PDELAY
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
TPC 1. CMP401 Propagation Delay
vs. Overdrive
TEMPERATURE – C
90
30
–50
–25
125
0
255075
100
80
70
60
50
40
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
+PDELAY
–PDELAY
TPC 4. CMP402 Propagation Delay
vs. Temperature – 5 mV OD
SOURCE RESISTANCE –
90
80
0
10
100
100k
1k
10k
40
30
20
10
70
60
50
+VAN = +VDIG = +V
–VAN = 0V TO –5V
TA = 25 C
+PDELAY
–PDELAY
TPC 7. CMP401 Propagation Delay
vs. Source Resistance – 20 mV OD
OVERDRIVE – mV
110
90
20
010
50
20
30
40
60
50
40
30
80
70
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
+PDELAY
–PDELAY
TPC 2. CMP402 Propagation Delay
vs. Overdrive
TEMPERATURE – C
30
0
–50
–25
125
0
255075
100
25
20
15
10
5
+VAN = +VDIG = +5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
+PDELAY
–PDELAY
TPC 5. CMP401 Propagation Delay
vs. Temperature – 20 mV OD
SOURCE RESISTANCE –
120
100
0
10
100
100k
1k
10k
80
60
40
20
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
TA = 25 C
+PDELAY
–PDELAY
TPC 8. CMP402 Propagation Delay
vs. Source Resistance – 20 mV OD
TEMPERATURE – C
40
10
–50
–25
125
0
255075
100
35
30
25
20
15
+PDELAY
–PDELAY
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TPC 3. CMP401 Propagation Delay
vs. Temperature – 5 mV OD
TEMPERATURE – C
60
0
–50
–25
125
0
255075
100
50
40
30
20
10
+VAN = +VDIG = 5V
–VAN = 0V TO –5V
RS 50 , CL = 15pF
+PDELAY
–PDELAY
TPC 6. CMP402 Propagation Delay
vs. Temperature – 20 mV OD
POSITIVE SUPPLY VOLTAGE – V
80
70
0
02
6
34
5
40
30
20
10
60
50
+VAN = +VDIG
–VAN = 0V TO –5V
RS 50 , CL = 15pF
TA = 25 C
+PDELAY
–PDELAY
TPC 9. CMP401 Propagation Delay vs.
Supply Voltage – 20 mV OD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com