Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1653_07 Datasheet HTML 3Page - ON Semiconductor NCP1653_07 Datasheet HTML 4Page - ON Semiconductor NCP1653_07 Datasheet HTML 5Page - ON Semiconductor NCP1653_07 Datasheet HTML 6Page - ON Semiconductor NCP1653_07 Datasheet HTML 7Page - ON Semiconductor NCP1653_07 Datasheet HTML 8Page - ON Semiconductor NCP1653_07 Datasheet HTML 9Page - ON Semiconductor NCP1653_07 Datasheet HTML 10Page - ON Semiconductor NCP1653_07 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
7
TYPICAL CHARACTERISTICS
IS, SENSE CURRENT (mA)
0
20
40
60
80
100
0
100
150
200
250
50
TJ = −40 °C
TJ, JUNCTION TEMPERATURE (°C)
−50
0
25
50
75
100
125
−25
Ivac, INPUT−VOLTAGE CURRENT (mA)
0
1
2
3
4
5
6
0
50
150
100
200
7
0
0.5
1
1.5
2
2.5
3
3.5
4
TJ = 25 °C
TJ = 125 °C
Figure 13. Overvoltage Protection Threshold
vs. Temperature
Figure 14. Undervoltage Protection
Thresholds vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
220
225
230
−50
0
25
50
75
100
125
−25
TJ, JUNCTION TEMPERATURE (°C)
0
2
4
6
8
10
12
−50
0
25
50
75
100
125
−25
14
16
200
205
210
215
Figure 15. Current Sense Pin Voltage vs.
Sense Current
Figure 16. Overcurrent Protection Threshold
vs. Temperature
Figure 17. Overpower Limitation Threshold
vs. Temperature
Figure 18. In Pin Voltage vs.
Input−Voltage Current
TJ, JUNCTION TEMPERATURE (°C)
198
200
202
204
206
208
210
−50
0
25
50
75
100
125
−25
190
192
194
196
Ivac = 100 mA
Ivac = 30 mA
TJ = −40 °C
TJ = 25 °C
TJ = 125 °C
IUVP(off)/Iref
IUVP(on)/Iref
10
30
50
70
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com