Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1653_07 Datasheet HTML 4Page - ON Semiconductor NCP1653_07 Datasheet HTML 5Page - ON Semiconductor NCP1653_07 Datasheet HTML 6Page - ON Semiconductor NCP1653_07 Datasheet HTML 7Page - ON Semiconductor NCP1653_07 Datasheet HTML 8Page - ON Semiconductor NCP1653_07 Datasheet HTML 9Page - ON Semiconductor NCP1653_07 Datasheet HTML 10Page - ON Semiconductor NCP1653_07 Datasheet HTML 11Page - ON Semiconductor NCP1653_07 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
8
TYPICAL CHARACTERISTICS
TJ, JUNCTION TEMPERATURE (°C)
0
4
8
12
−50
0
25
50
75
100
125
−25
TJ, JUNCTION TEMPERATURE (°C)
0
2
4
6
8
10
12
−50
0
25
50
75
100
125
−25
VCC = 15 V
Istdn
VCC(on)
VCC(off)
Istup
TJ, JUNCTION TEMPERATURE (°C)
0
10
20
30
40
50
70
−50
0
25
50
75
100
125
−25
TJ, JUNCTION TEMPERATURE (°C)
0
1
2
3
4
5
−50
0
25
50
75
100
125
−25
2
6
10
60
ICC2, 1 nF Load
ICC1, No Load
Figure 19. PWM Comparator Reference
Voltage vs. Temperature
Figure 20. Maximum Control Current vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
2
2.1
2.2
2.3
2.4
2.5
2.7
−50
0
25
50
75
100
125
−25
TJ, JUNCTION TEMPERATURE (°C)
0
20
40
60
80
100
140
−50
0
25
50
75
100
125
−25
2.6
120
160
180
Figure 21. 10% of Maximum Control Current
vs. Temperature
Figure 22. Supply Voltage Undervoltage
Lockout Thresholds vs. Temperature
Figure 23. Supply Current in Startup and
Shutdown Mode vs. Temperature
Figure 24. Operating Supply Current vs.
Temperature
2.8
3
2.9
Ivac = 30 mA
Vcontrol = Vcontrol(max)
IS = 25 mA
IS = 75 mA
Ivac = 30 mA
Vcontrol = 10 % Vcontrol(max)
IS = 25 mA
IS = 75 mA
14
16
80
6
Icontrol =
derived from the (eq.8)
IS Ivac
2IM
Icontrol =
derived from the (eq.8)
IS Ivac
2IM
200
16
20
14
18
18
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com