Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP1653 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP1653
Description  Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1653 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP1653_07 Datasheet HTML 9Page - ON Semiconductor NCP1653_07 Datasheet HTML 10Page - ON Semiconductor NCP1653_07 Datasheet HTML 11Page - ON Semiconductor NCP1653_07 Datasheet HTML 12Page - ON Semiconductor NCP1653_07 Datasheet HTML 13Page - ON Semiconductor NCP1653_07 Datasheet HTML 14Page - ON Semiconductor NCP1653_07 Datasheet HTML 15Page - ON Semiconductor NCP1653_07 Datasheet HTML 16Page - ON Semiconductor NCP1653_07 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
NCP1653, NCP1653A
http://onsemi.com
13
becomes zero. The multiplier voltage VM in (eq.8)
becomes its maximum value and generates zero on time t1.
Then, Vout decreases and the minimum can be Vout = Vin in
a boost converter. Going down to Vin, Vout automatically
enters the previous two regions (i.e., follower boost region
or constant output voltage region) and hence output voltage
Vout cannot reach input voltage Vin as long as the NCP1653
provides a duty ratio for the operation of the boost
converter.
In conclusion, the NCP1653 circuit operates in one of the
following conditions:
Constant output voltage mode: The output voltage is
regulated around the range between 96% and 100% of RFB
× Iref. The output voltage is described in (eq.16). Its
behavior is similar to a follower boost.
Follower boost mode: The output voltage is regulated
under 96% of RFB
× Iref and Icontrol = Icontrol(max) = Iref/2 =
100
mA. The output voltage is described in (eq.15).
Overvoltage Protection (OVP)
When the feedback current IFB is higher than 107% of the
reference current Iref (i.e., Vout > 107% RFB
× Iref ), the
Drive Output (Pin 7) of the device goes low for protection.
The circuit automatically resumes operation when the
feedback current becomes lower than 107% of the
reference current Iref.
The maximum OVP threshold is limited to 230
mA which
corresponds to 230
mA × 1.92 MW + 2.5 V = 444.1 V when
RFB = 1.92 M
W (680 kW + 680 kW + 560 kW) and
VFB1 = 2.5 V (for the worst case referring to Figure 11).
Hence, it is generally recommended to use 450 V rating
output capacitor to allow some design margin.
Undervoltage Protection (UVP)
Figure 35. Undervoltage Protection
I
8% I
12% I
FB
Shutdown
Operating
ref
ref
ICC
ICC2
Istdn
When the feedback current IFB is less than 8% of the
reference current Iref (i.e., the output voltage Vout is less
than 8% of its nominal value), the device is shut down and
consumes less than 50
mA. The device automatically starts
operation when the output voltage goes above 12% of the
nominal regulation level. In normal situation of boost
converter configuration, the output voltage Vout is always
greater than the input voltage Vin and the feedback current
IFB is always greater than 8% and 12% of the nominal level
to enable the NCP1653 to operate. Hence, UVP happens
when the output voltage is abnormally undervoltage, the
FB pin (Pin 1) is opened, or the FB pin (Pin 1) is manually
pulled low.
Soft−Start
The device provides no output (or no duty ratio) when the
Vcontrol (Pin 2) voltage is zero (i.e., Vcontrol = 0 V). An
external capacitor Ccontrol connected to the Vcontrol pin
provides a gradually increment of the Vcontrol voltage (or
the duty ratio) in the startup and hence provides a soft−start
feature.
Current Sense
The device senses the inductor current IL by the current
sense scheme in Figure 36. The device maintains the
voltage at the CS pin (Pin 4) to be zero voltage (i.e.,
VS
≈ 0 V) so that (eq.10) can be formulated.
Figure 36. Current Sensing
CS
NCP1653
Gnd
+
RCS
RS
IL
IS
IL
VS
This scheme has the advantage of the minimum number
of components for current sensing and the inrush current
limitation by the resistor RCS. Hence, the sense current IS
represents the inductor current IL and will be used in the
PFC duty modulation to generate the multiplier voltage
VM, Overpower Limitation (OPL), and overcurrent
protection.
Overcurrent Protection (OCP)
Overcurrent protection is reached when IS is larger than
IS(OCP) (200
mA typical). The offset voltage of the CS pin
is typical 10 mV and it is neglected in the calculation.
Hence, the maximum OCP inductor current threshold
IL(OCP) is obtained in (eq.15).
(eq.18)
IL(OCP) +
RSIS(OCP)
RCS
+
RS
RCS
200
mA
When overcurrent protection threshold is reached, the
Drive Output (Pin 7) of the device goes low. The device
automatically resumes operation when the inductor current
goes below the threshold.
Input Voltage Sense
The device senses the RMS input voltage Vac by the
sensing scheme in Figure 37. The internal current mirror is
with a typical 4 V offset voltage at its input so that the
current Ivac can be derived in (eq.9). An external capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com