Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53-12JC Datasheet(PDF) 19 Page - ATMEL Corporation

Part # AT89LS53-12JC
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12JC Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button AT89LS53-12JC Datasheet HTML 15Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 16Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 17Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 18Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 19Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 20Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 21Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 22Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
AT89LS53
0851C–MICRO–3/06
7.
To verify the byte just programmed, bring pin P2.7
to “L” and read the programmed data at pins P0.0 to
P0.7.
8.
Repeat steps 3 through 7 changing the address and
data for the entire 12K-byte array or until the end of
the object file is reached.
9.
Power-off sequence:
Set XTAL1 to “L”.
Set RST and EA pins to “L”.
Turn VCC power off.
DATA Polling
The AT89LS53 features DATA Polling to indicate the end of
a write cycle. During a write cycle in the parallel or serial
programming mode, an attempted read of the last byte writ-
ten will result in the complement of the written datum on
P0.7 (parallel mode), and on the MSB of the serial output
byte on MISO (serial mode). Once the write cycle has been
completed, true data are valid on all outputs, and the next
cycle may begin. DATA Polling may begin any time after a
write cycle has been initiated.
Ready/Busy
The progress of byte programming in the parallel program-
ming mode can also be monitored by the RDY/BSY output
signal. Pin P3.4 is pulled Low after ALE goes High during
programming to indicate BUSY. P3.4 is pulled High again
when programming is done to indicate READY.
Program Verify
If lock bits LB1 and LB2 have not been programmed, the
programmed Code can be read back via the address and
data lines for verification. The state of the lock bits can also
be verified directly in the parallel programming mode. In the
serial programming mode, the state of the lock bits can only
be verified indirectly by observing that the lock bit features
are enabled.
Chip Erase
In the parallel programming mode, chip erase is initiated by
using the proper combination of control signals and by
holding ALE/PROG low for 10 ms. The Code array is writ-
ten with all “1”s in the Chip Erase operation.
In the serial programming mode, a chip erase operation is
initiated by issuing the Chip Erase instruction. In this mode,
chip erase is self-timed and takes about 16 ms.
During chip erase, a serial read from any address location
will return 00H at the data outputs.
Serial Programming Fuse
A programmable fuse is available to disable Serial Pro-
gramming if the user needs maximum system security. The
Serial Programming Fuse can only be programmed or
erased in the Parallel Programming Mode.
The AT89LS53 is shipped with the Serial Programming
Mode enabled.
Reading the Signature Bytes: The signature bytes are
read by the same procedure as a normal verification of
locations 030H and 031H, except that P3.6 and P3.7 must
be pulled to a logic low. The values returned are as follows:
(030H) = 1EH indicates manufactured by Atmel
(031H) = 63H indicates 89LS53
Programming Interface
Every code byte in the Flash array can be written, and the
entire array can be erased, by using the appropriate combi-
nation of control signals. The write operation cycle is self-
timed and once initiated, will automatically time itself to
completion.
All major programming vendors offer worldwide support for
the Atmel microcontroller series. Please contact your local
programming vendor for the appropriate software revision.
Serial Downloading
The Code memory array can be programmed using the
serial SPI bus while RST is pulled to VCC. The serial inter-
face consists of pins SCK, MOSI (input) and MISO (output).
After RST is set high, the Programming Enable instruction
needs to be executed first before program/erase operations
can be executed.
An auto-erase cycle is built into the self-timed programming
operation (in the serial mode ONLY) and there is no need
to first execute the Chip Erase instruction unless any of the
lock bits have been programmed. The Chip Erase opera-
tion turns the content of every memory location in the Code
array into FFH.
The Code memory array has an address space of 0000H to
2FFFH.
Either an external system clock is supplied at pin XTAL1 or
a crystal needs to be connected across pins XTAL1 and
XTAL2. The maximum serial clock (SCK) frequency should
be less than 1/40 of the crystal frequency. With a 12 MHz
oscillator clock, the maximum SCK frequency is 300 KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com