Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53-12JC Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89LS53-12JC
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12JC Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89LS53-12JC Datasheet HTML 24Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 25Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 26Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 27Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 28Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 29Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 30Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 31Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
28
0851C–MICRO–3/06
AT89LS53
External Data Memory Write Cycle
External Clock Drive Waveforms
External Clock Drive
Symbol
Parameter
VCC = 2.7V to 6.0V
Min
Max
Units
1/tCLCL
Oscillator Frequency
0
12
MHz
tCLCL
Clock Period
83.3
ns
tCHCX
High Time
30
ns
tCLCX
Low Time
30
ns
tCLCH
Rise Time
20
ns
tCHCL
Fall Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com