Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LS53-12JC Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LS53-12JC
Description  8-Bit Microcontroller with 12K Bytes Flash
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LS53-12JC Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LS53-12JC Datasheet HTML 19Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 20Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 21Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 22Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 23Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 24Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 25Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 26Page - ATMEL Corporation AT89LS53-12JC Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
0851C–MICRO–3/06
AT89LS53
Flash Programming and Verification Characteristics - Parallel Mode
TA = 0°C to 70°C, VCC = 5.0V ± 10%
Symbol
Parameter
Min
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
1.0
mA
1/tCLCL
Oscillator Frequency
3
12
MHz
tAVGL
Address Setup to PROG Low
48tCLCL
tGHAX
Address Hold After PROG
48tCLCL
tDVGL
Data Setup to PROG Low
48tCLCL
tGHDX
Data Hold After PROG
48tCLCL
tEHSH
P2.7 (ENABLE) High to VPP
48tCLCL
tSHGL
VPP Setup to PROG Low
10
µs
tGLGH
PROG Width
1
110
µs
tAVQV
Address to Data Valid
48tCLCL
tELQV
ENABLE Low to Data Valid
48tCLCL
tEHQZ
Data Float After ENABLE
048tCLCL
tGHBL
PROG High to BUSY Low
1.0
µs
tWC
Byte Write Cycle Time
2.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com