Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ810N22KOF Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # TZ810N22KOF
Description  Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TZ810N22KOF Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  TZ810N22KOF Datasheet HTML 1Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 2Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 3Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISTM4001
eq TZ810N22KOF
Thyristor Module
www.iscsemi.com
2023-9-25
2
ELECTRICAL CHARACTERISTICS(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VT
on-state voltage
Tvj = Tvj max , iT =
1200 A
--
--
3.43
V
V(TO)
threshold voltage
Tvj = Tvj max
--
--
1.17
V
rT
slope resistance
Tvj = Tvj max
--
--
1.7
mΩ
IGT
gate trigger current
VD = 6 V
--
--
250
mA
VGT
gate trigger voltage
VD = 6 V
--
--
1.5
V
IGD
gate non-trigger current
VD = 6 V
--
--
10
mA
IGD
gate non-trigger current
VD = 0.5 VDRM
--
--
5
mA
VGD
gate non-trigger voltage
VD = 0.5 VDRM
--
--
0.2
V
IH
holding current
VD = 6 V,RA=5Ω
--
--
300
mA
IL
latching current
VD = 6 V,RA≥10Ω
--
--
1500
mA
iD, iR
forward off-state and reverse
current
VD = VDRM,VR =
VRRM
--
--
250
mA
tgd
gate controlled delay time
iGM = 1 A, diG/dt = 1
A/µs
--
--
4.5
us



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com