Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ810N22KOF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # TZ810N22KOF
Description  Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TZ810N22KOF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  TZ810N22KOF Datasheet HTML 1Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 2Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 3Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISTM4001
eq TZ810N22KOF
Thyristor Module
www.iscsemi.com
2023-9-25
1
DESCRIPTION
·
Pressure contact technology for high reliability
·
Industial standard package
·
Electrically insulated baseplate
APPLICATIONS
·
Rectifier for Drives Applications
·
Rectifiers for UPS
·
Battery chargers
·
Soft starter
·
Power controllers
INVERTER MAXIMUM RATED VALUES(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
2800
V
VRRM
Repetitive peak reverse voltage
2800
V
VDSM
non-repetitive peak forward off-state voltage
2800
V
VRSM
non-repetitive peak reverse voltage
2800
V
ITRMSM
maximum RMS on-state current
700
A
ITAVM
average on-state current
240
A
ITSM
surge current Tvj = 25 °C, tP = 10 ms
6.1
A
I2t
I²t-value Tvj = 25 °C, tP = 10 ms
186
A2s
(diT/dt)cr
Kritische Stromsteilheit critical rate of rise of on-state
current
500
V/µs
(dvD/dt)cr
Kritische Spannungssteilheit critical rate of rise of off-state
voltage
1000
V/µs


Similar Part No. - TZ810N22KOF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TZ810N22KOF INFINEON-TZ810N22KOF Datasheet
429Kb / 11P
Pressure contact technology for high reliability
2014-04-16 Revision: 3.1
More results

Similar Description - TZ810N22KOF

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com