Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ810N22KOF Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # TZ810N22KOF
Description  Thyristor Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

TZ810N22KOF Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  TZ810N22KOF Datasheet HTML 1Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 2Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 3Page - Inchange Semiconductor Company Limited TZ810N22KOF Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISTM4001
eq TZ810N22KOF
Thyristor Module
www.iscsemi.com
2023-9-25
3
THERMAL PROPERTIES(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.078
℃
/W
TJMAX
Maximum Junction Temperature
125
℃
TJOP
Maximum Operating Junction Temperature Range
125
℃
Tstg
Storage Temperature
130
℃
VISOL
insulation test voltage
3
kV
MECHANICAL PROPERTIES(TC=25℃ UNLESS OTHERWISE SPECIFIED)
SYMBOL
PARAMETER
VALUE
UNIT
M1
mounting torque
6
Nm
M2
terminal connection torque
12
Nm
G
Weight TYP
900
g
INTERNAL CIRCUIT:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com