Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 4 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS101 Series
4
■ ABSOLUTE MAXIMUM RATINGS
*1 : The values vary depending on the type of macros.
*2 : Maximum power supply current that can steadily flow.
*3 : Maximum output current that can steadily flow.
*4 : Contact your Fujitsu representative for details.
Note : VSS
= 0 V
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Application
Rating
Unit
Min
Max
Power supply voltage
VDD
VDDI (Internal)
− 0.5
+ 1.8
V
VDDE (External 2.5 V)
− 0.5
+ 3.6
V
VDDE (External 3.3 V)
− 0.5
+ 4.6
V
Input voltage *1
VI
1.2 V
− 0.5
VDDI
+ 0.5 ( ≤ 1.8)
V
2.5 V
− 0.5
VDDE
+ 0.5 ( ≤ 3.6)
V
3.3 V
− 0.5
VDDE
+ 0.5 ( ≤ 4.6)
V
Output voltage
VO
1.2 V
− 0.5
VDDI
+ 0.5 ( ≤ 1.8)
V
2.5 V
− 0.5
VDDE
+ 0.5 ( ≤ 3.6)
V
3.3 V
− 0.5
VDDE
+ 0.5 ( ≤ 4.6)
V
Storage temperature
Tstg
Plastic package
− 55
+ 125
°C
Operation junction
temperature
Tj
⎯− 40
+ 125
°C
Power supply pin
current *2
ID
per VDD, VDDI, VDDE
VSS pin
⎯
*4
mA
Output current *3
IO
⎯⎯
*4
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com