Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 7 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CS101 Series
7
■ AC Characteristics (with low power consumption, high density CS101SL library used)
*1 : Delay time = propagation delay time, enable time, disable time
*2 : “typ” is calculated based on the cell specifications.
*3 : Measurement condition
■ I/O Pin Capacitance
Note : The capacitance values vary depending on the package and pin positions.
■ DESIGN METHODS
Fujitsu’s Reference Design Flow provides the following functions that help shorten the development time of large
scale and high quality LSIs.
• High reliability design estimation in the early stage of physical design realized by physical prototyping.
• Layout synthesis with optimized timing realized by physical synthesis tools.
• High accuracy design environment considering drop in power supply voltage, signal noise, delay penalty, and
crosstalk.
• I/O design environment (power line design, assignment and selection of I/Os, package selection) considering
noise.
■ PACKAGES
Packages available for existing series can be used for CS101 series. This allows smooth replacement with
previously developed products.
Please contact your Fujitsu agent for details of delivery times.
FBGA package
: Max 424 pins
FC-BGA package : Max 2116 pins
PBGA package
: Max 420 pins
TEBGA package
: Max 900 pins
(Packages under planning are included.)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Delay time
tpd *1
typ *2
× tmin *3
typ *2
× ttyp *3
typ *2
× tmax *3
ns
Measurement condition
tmin
ttyp
tmax
VDD
= 1.2 V ± 0.1 V, VSS = 0 V, Tj = − 40 °C to +125 °C
0.62
1.00
1.57
Parameter
Symbol
Value
Unit
Input pin
CIN
Max16
pF
Output pin
COUT
Max16
pF
I/O pin
CI/O
Max16
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com