Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS101 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 2 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CS101 Series
2
(Continued)
• Short-term development using a physical prototyping tool
• One pass design using a physical synthesis tool
• Hierarchical design environment for supporting large-scale circuits
• Support for Signal Integrity, EMI noise reduction
• Support for static timing sign-off
• Optimum package range : FBGA, FC-BGA, PBGA,TEBGA
■ MACRO LIBRARIES (including those in preparation)
1.
Logic cells (about 400 types)
Library sets having three different types of core transistors with a different threshold value are provided.
2.
IP macros
Compliance with the design rules recommended by the industry standard STARC (Semiconductor Technology
Academic Research Center) recommendations which means a wide range of commercially available IP macros
can be used.
Fujitsu plans to offer the following macros.
3.
Special I/O interface macro
• Adder
• AND
• AND-OR
• AND-OR Inverter
• Buffer
• Clock Buffer
• Decoder
• Delay Buffer
• ENOR
• EOR
• Inverter
• Latch
• NAND
• NOR
• OR
• OR-AND
• OR-AND Inverter
• SCAN Flip flop
• Non-SCAN Flip Flop
• Selector
• Others
CPU/DSP
ARM9
DSPs for communications, AV, and similar applications, others
Multi-media processing macro JPEG, MPEG, others
Mixed signal macro
ADC, DAC, OPAMP, others
Compiled macro
RAM (1-port, 2-port), ROM, product sum calculator, others
PLL
Analog PLL
Interface macro
LVDS, SSTL2, HSTL, GTL, others
Fast I/F macro
6 Gbps I/F, 10 Gbps I/F, others



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com