Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSN2 Datasheet(PDF) 10 Page - C&D Technologies

Part # LSN2
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2 Datasheet(HTML) 10 Page - C&D Technologies

Back Button LSN2 Datasheet HTML 6Page - C&D Technologies LSN2 Datasheet HTML 7Page - C&D Technologies LSN2 Datasheet HTML 8Page - C&D Technologies LSN2 Datasheet HTML 9Page - C&D Technologies LSN2 Datasheet HTML 10Page - C&D Technologies LSN2 Datasheet HTML 11Page - C&D Technologies LSN2 Datasheet HTML 12Page - C&D Technologies LSN2 Datasheet HTML 13Page - C&D Technologies LSN2 Datasheet HTML 14Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 10 of 14
www.cd4power.com
These diagrams illustrate the time and slew rate relationship between two
typical power output voltages. Generally the Master will be a primary power
voltage in the system which must be present first or coincident with any
Slave power voltages. The Master output voltage is connected to the Slave’s
Sequence input, either by a voltage divider, divider-plus-capacitor or some
other method. Several standard sequencing architectures are prevalent. They
are concerned with three factors:
■ The time relationship between the Master and Slave voltages
■ The voltage difference relationship between the Master and Slave
■ The voltage slew rate (ramp slope) of each converter’s output.
For most systems, the time relationship is the dominant factor. The voltage
difference relationship is important for systems very concerned about possible
latchup of programmable devices or overdriving ESD diodes. Lower slew
rates avoid overcurrent shutdown during bypass cap charge-up.
In Figure 18, two POL’s ramp up at the same rate until they reach their dif-
ferent respective final set point voltages. During the ramp, their voltages are
nearly identical. This avoids problems with large currents flowing between
Figures 10 and 11 show both delayed start up and delayed final voltages for
two converters. Figure 10 is called “Inclusive” because the later starting POL
finishes inside the earlier POL. The timing in Figure 10 is more easily built
using a combined digital sequence controller and the Sequence/Track pin.
Figure 11 is the same strategy as Figure 10 but with an “exclusive” timing
relationship staggered approximately the same at power-up and power-down.
Operation
To use the Sequence pin after power start-up stabilizes, apply a rising external
voltage to the Sequence input. As the voltage rises, the output voltage will
track the Sequence input (gain = 1). The output voltage will stop rising
when it reaches the normal set point for the converter. The Sequence input
may optionally continue to rise without any effect on the output. Keep the
Sequence input voltage below the converter’s input supply voltage.
Use a similar strategy on power down. The output voltage will stay constant
until the Sequence input falls below the set point.
Any strategy may be used to deliver the power up/down ramps. The circuits
below show simple RC networks but you may also use operational amplifiers,
D/A converters, etc.
Circuits
The circuits shown in Figures 12 through 14 introduce several concepts when
using these Sequencing controls on Point-of-Load (POL) converters. These
circuits are only for reference and are not intended as final designs ready for
your application. Also, numerous connections are omitted for clarity.
Figure 8. Coincident or Simultaneous Phasing (Identical Slew Rates)
Figure 9. Proportional or Ratiometric Phasing (Identical VOUT Time)
Figure 10. Staggered or Sequential Phasing—Inclusive (Fixed Delays)
Figure 11. Staggered or Sequential Phasing—Exclusive
(Fixed Cascaded Delays)
logic systems which are not initialized yet. Since both end voltages are differ-
ent, each converter reaches it’s setpoint voltage at a different time.
Figure 9 shows two POL’s with different slew rates in order to reach differing
final voltages at about the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com