Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSN2 Datasheet(PDF) 13 Page - C&D Technologies

Part # LSN2
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2 Datasheet(HTML) 13 Page - C&D Technologies

Back Button LSN2 Datasheet HTML 6Page - C&D Technologies LSN2 Datasheet HTML 7Page - C&D Technologies LSN2 Datasheet HTML 8Page - C&D Technologies LSN2 Datasheet HTML 9Page - C&D Technologies LSN2 Datasheet HTML 10Page - C&D Technologies LSN2 Datasheet HTML 11Page - C&D Technologies LSN2 Datasheet HTML 12Page - C&D Technologies LSN2 Datasheet HTML 13Page - C&D Technologies LSN2 Datasheet HTML 14Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 13 of 14
www.cd4power.com
MECHANICAL SPECIFICATIONS
Case B11
Case B12
DIMENSIONS ARE IN INCHES (MM)
I/O CONNECTIONS
Pin
Function P68
Pin
Function P68
1
+Output
6
Common
2
+Output
7
+Input
3
+Sense In
8
+Input
4
+Output
B
VTRACK/Sequence
5
Common
9
Trim
A
Power Good Out *
10
On/Off Control
I/O CONNECTIONS
Pin
Function P69
1
+Output
2VOUT Trim
3
Common
A
VTRACK/Sequence
B
Power Good*
4
+Input
5
On/Off Control
* Power Good output is optional.
If not installed, the pin is omitted.
* Power Good output is optional.
If not installed, the pin is omitted.
10/16 Amp Models
6 Amp Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com