Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSN2 Datasheet(PDF) 2 Page - C&D Technologies

Part # LSN2
Description  Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

LSN2 Datasheet(HTML) 2 Page - C&D Technologies

  LSN2 Datasheet HTML 1Page - C&D Technologies LSN2 Datasheet HTML 2Page - C&D Technologies LSN2 Datasheet HTML 3Page - C&D Technologies LSN2 Datasheet HTML 4Page - C&D Technologies LSN2 Datasheet HTML 5Page - C&D Technologies LSN2 Datasheet HTML 6Page - C&D Technologies LSN2 Datasheet HTML 7Page - C&D Technologies LSN2 Datasheet HTML 8Page - C&D Technologies LSN2 Datasheet HTML 9Page - C&D Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
®
LSN2 Series
Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2 Series Page 2 of 14
www.cd4power.com
PART NUMBER STRUCTURE
PERFORMANCE SPECIFICATIONS AND ORDERING GUIDE ➀
Model
Output
Input
Efficiency
Package
(Case/
Pinout)
VOUT
(Volts)
IOUT
(Amps)
Power
(Watts)
R/N (mVp-p)
➁
Regulation
➂
VIN Nom.
(Volts)
Range
➄
(Volts)
IIN
➃
(mA/A)
Typ.
Max.
Line
Load
Min.
Typ.
LSN2-T/6-W3
0.75-3.3
6
19.8
15
25
±0.3%
±0.3%
5
2.4-5.5
50/4.22
92%
94%
B12, P69
LSN2-T/6-D12
0.75-5
6
19.8
15
25
±0.3%
±0.3%
12
8.3-14
70/2.69
90%
93%
B12, P69
LSN2-T/10-W3
0.75-3.3
10
33.0
15
25
±0.3%
±0.3%
5
2.4-5.5
50/6.95
93%
95%
B11, P68
LSN2-T/10-D12
0.75-5
10
33.0
30
75
±0.3%
±0.3%
12
8.3-14
100/4.39
93%
95%
B11, P68
LSN2-T/16-W3
0.75-3.3
16
52.8
25
50
±0.3%
±0.3%
5
2.4-5.5
50/11.12
93%
95%
B11, P68
LSN2-T/16-D12
➅
0.75-5
16
52.8
30
75
±0.3%
±0.3%
12
8.3-14
100/7.1
92%
94%
B11, P68
Maximum Rated Output
Current in Amps
Non-Isolated SMT
Output Configuration:
L = Unipolar
Low Voltage
Nominal Output Voltage:
0.75-3.3 Volts (W3)
0.75-5 Volts (D12)
L SN2 -
/
D12
-
T 16
N G
Input Voltage Range:
D12 = 8.3-14 Volts (12V nominal)
W3 = 2.4-5.5 Volts (5V nominal)
On/Off Polarity:
Blank = Positive polarity
N = Negative polarity
Power Good Output:
Blank = Omitted
G = Installed
➀ Typical at TA = +25°C under nominal line voltage and full-load conditions, unless noted. All
models are tested and specified with external 22μF tantalum input and output capacitors.
These capacitors are necessary to accommodate our test equipment and may not be required
to achieve specified performance in your applications. See I/O Filtering and Noise Reduction.
➁ Ripple/Noise (R/N) is tested/specified over a 20MHz bandwidth and may be reduced with
external filtering. See I/O Filtering and Noise Reduction for details.
➂ These devices have no minimum-load requirements and will regulate under no-load
conditions. Regulation specifications describe the output-voltage deviation as the line voltage
or load is varied from its nominal/midpoint value to either extreme.
➃ Nominal line voltage, no-load/full-load conditions.
➄ VIN must be ≥0.5V greater than VOUT.
➅ LSN2-TXX-D12 efficiencies are shown at 5VOUT.
Note:
Not all model number combinations are
available. Contact C&D Technologies (DATEL).
C
RoHS-6 compliant*
-
*Contact C&D Technologies (DATEL)
for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com