Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV36B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BYV36B
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36B Datasheet(HTML) 2 Page - NXP Semiconductors

  BYV36B Datasheet HTML 1Page - NXP Semiconductors BYV36B Datasheet HTML 2Page - NXP Semiconductors BYV36B Datasheet HTML 3Page - NXP Semiconductors BYV36B Datasheet HTML 4Page - NXP Semiconductors BYV36B Datasheet HTML 5Page - NXP Semiconductors BYV36B Datasheet HTML 6Page - NXP Semiconductors BYV36B Datasheet HTML 7Page - NXP Semiconductors BYV36B Datasheet HTML 8Page - NXP Semiconductors BYV36B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1996 Jul 01
2
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy
absorption capability
• Available in ammo-pack.
DESCRIPTION
Rugged glass SOD57 package,
using a high temperature alloyed
construction. This package is
hermetically sealed and fatigue free
as coefficients of expansion of all
used parts are matched.
Fig.1 Simplified outline (SOD57) and symbol.
2/3 page (Datasheet)
MAM047
ka



LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYV36A
−
200
V
BYV36B
−
400
V
BYV36C
−
600
V
BYV36D
−
800
V
BYV36E
−
1000
V
BYV36F
−
1200
V
BYV36G
−
1400
V
VR
continuous reverse voltage
BYV36A
−
200
V
BYV36B
−
400
V
BYV36C
−
600
V
BYV36D
−
800
V
BYV36E
−
1000
V
BYV36F
−
1200
V
BYV36G
−
1400
V
IF(AV)
average forward current
Ttp =60 °C; lead length = 10 mm;
see Figs 2; 3 and 4
averaged over any 20 ms period;
see also Figs 14; 15 and 16
BYV36A to C
−
1.6
A
BYV36D and E
−
1.5
A
BYV36F and G
−
1.5
A
IF(AV)
average forward current
Tamb =60 °C; PCB mounting (see
Fig.25); see Figs 5; 6 and 7
averaged over any 20 ms period;
see also Figs 14; 15 and 16
BYV36A to C
−
0.87
A
BYV36D and E
−
0.81
A
BYV36F and G
−
0.81
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com