Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV36B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BYV36B
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36B Datasheet(HTML) 4 Page - NXP Semiconductors

  BYV36B Datasheet HTML 1Page - NXP Semiconductors BYV36B Datasheet HTML 2Page - NXP Semiconductors BYV36B Datasheet HTML 3Page - NXP Semiconductors BYV36B Datasheet HTML 4Page - NXP Semiconductors BYV36B Datasheet HTML 5Page - NXP Semiconductors BYV36B Datasheet HTML 6Page - NXP Semiconductors BYV36B Datasheet HTML 7Page - NXP Semiconductors BYV36B Datasheet HTML 8Page - NXP Semiconductors BYV36B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1996 Jul 01
4
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.25.
For more information please refer to the
“General Part of associated Handbook”.
trr
reverse recovery time
when switched from
IF = 0.5 A to IR =1A;
measured at IR = 0.25 A;
see Fig. 26
BYV36A to C
−−
100
ns
BYV36D and E
−−
150
ns
BYV36F and G
−−
250
ns
Cd
diode capacitance
f = 1 MHz; VR =0V;
see Figs 23 and 24
BYV36A to C
−
45
−
pF
BYV36D and E
−
40
−
pF
BYV36F and G
−
35
−
pF
maximum slope of reverse recovery
current
when switched from
IF = 1 A to VR ≥ 30 V and
dIF/dt = −1A/µs;
see Fig.27
BYV36A to C
−−
7A/
µs
BYV36D and E
−−
6A/
µs
BYV36F and G
−−
5A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dI
R
dt
--------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com