Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV36B Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYV36B
Description  Fast soft-recovery controlled avalanche rectifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV36B Datasheet(HTML) 3 Page - NXP Semiconductors

  BYV36B Datasheet HTML 1Page - NXP Semiconductors BYV36B Datasheet HTML 2Page - NXP Semiconductors BYV36B Datasheet HTML 3Page - NXP Semiconductors BYV36B Datasheet HTML 4Page - NXP Semiconductors BYV36B Datasheet HTML 5Page - NXP Semiconductors BYV36B Datasheet HTML 6Page - NXP Semiconductors BYV36B Datasheet HTML 7Page - NXP Semiconductors BYV36B Datasheet HTML 8Page - NXP Semiconductors BYV36B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1996 Jul 01
3
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifiers
BYV36 series
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
IFRM
repetitive peak forward current
Ttp =60 °C; see Figs 8; 9 and 10
BYV36A to C
−
18
A
BYV36D and E
−
17
A
BYV36F and G
−
15
A
IFRM
repetitive peak forward current
Tamb =60 °C; see Figs 11; 12 and 13
BYV36A to C
−
9A
BYV36D and E
−
8A
BYV36F and G
−
8A
IFSM
non-repetitive peak forward current
t = 10 ms half sine wave; Tj =Tj max
prior to surge; VR =VRRMmax
−
30
A
ERSM
non-repetitive peak reverse
avalanche energy
L = 120 mH; Tj =Tj max prior to surge;
inductive load switched off
−
10
mJ
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
see Figs 17 and 18
−65
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; Tj =Tj max;
see Figs 19; 20 and 21
BYV36A to C
−−
1.00
V
BYV36D and E
−−
1.05
V
BYV36F and G
−−
1.05
V
VF
forward voltage
IF =1A;
see Figs 19; 20 and 21
BYV36A to C
−−
1.35
V
BYV36D and E
−−
1.45
V
BYV36F and G
−−
1.45
V
V(BR)R
reverse avalanche breakdown
voltage
IR = 0.1 mA
BYV36A
300
−−
V
BYV36B
500
−−
V
BYV36C
700
−−
V
BYV36D
900
−−
V
BYV36E
1100
−−
V
BYV36F
1300
−−
V
BYV36G
1500
−−
V
IR
reverse current
VR =VRRMmax; see Fig.22
−−
5
µA
VR =VRRMmax;
Tj = 165 °C; see Fig.22
−−
150
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com