Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081B Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT45DB081B
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT45DB081B Datasheet HTML 9Page - ATMEL Corporation AT45DB081B Datasheet HTML 10Page - ATMEL Corporation AT45DB081B Datasheet HTML 11Page - ATMEL Corporation AT45DB081B Datasheet HTML 12Page - ATMEL Corporation AT45DB081B Datasheet HTML 13Page - ATMEL Corporation AT45DB081B Datasheet HTML 14Page - ATMEL Corporation AT45DB081B Datasheet HTML 15Page - ATMEL Corporation AT45DB081B Datasheet HTML 16Page - ATMEL Corporation AT45DB081B Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13
AT45DB081B
2225I–DFLSH–9/05
AC Characteristics
Symbol
Parameter
AT45DB081B
(2.5V Version)
AT45DB081B
Units
Min
Max
Min
Max
f
SCK
SCK Frequency
15
20
MHz
fCAR
SCK Frequency for Continuous Array Read
15
20
MHz
tWH
SCK High Time
30
22
ns
t
WL
SCK Low Time
30
22
ns
tCS
Minimum CS High Time
250
250
ns
tCSS
CS Setup Time
250
250
ns
t
CSH
CS Hold Time
250
250
ns
tCSB
CS High to RDY/BUSY Low
200
200
ns
tSU
Data In Setup Time
10
5
ns
t
H
Data In Hold Time
15
10
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
20
18
ns
t
V
Output Valid
25
20
ns
tXFR
Page to Buffer Transfer/Compare Time
300
250
µs
tEP
Page Erase and Programming Time
20
20
ms
t
P
Page Programming Time
14
14
ms
tPE
Page Erase Time
8
8
ms
t
BE
Block Erase Time
12
12
ms
t
RST
RESET Pulse Width
10
10
µs
tREC
RESET Recovery Time
1
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com