Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB081B Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT45DB081B
Description  8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB081B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT45DB081B Datasheet HTML 2Page - ATMEL Corporation AT45DB081B Datasheet HTML 3Page - ATMEL Corporation AT45DB081B Datasheet HTML 4Page - ATMEL Corporation AT45DB081B Datasheet HTML 5Page - ATMEL Corporation AT45DB081B Datasheet HTML 6Page - ATMEL Corporation AT45DB081B Datasheet HTML 7Page - ATMEL Corporation AT45DB081B Datasheet HTML 8Page - ATMEL Corporation AT45DB081B Datasheet HTML 9Page - ATMEL Corporation AT45DB081B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
AT45DB081B
2225I–DFLSH–9/05
BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: A
previously erased page within main memory can be programmed with the contents of
either buffer 1 or buffer 2. To start the operation, an 8-bit opcode, 88H for buffer 1 or
89H for buffer 2, must be followed by the three reserved bits, 12 address bits
(PA11 - PA0) that specify the page in the main memory to be written, and nine addi-
tional don’t care bits. When a low-to-high transition occurs on the CS pin, the part will
program the data stored in the buffer into the specified page in the main memory. It is
necessary that the page in main memory that is being programmed has been previously
erased. The programming of the page is internally self-timed and should take place in a
maximum time of t
P. During this time, the status register will indicate that the part is
busy.
Successive page programming operations without doing a page erase are not recom-
mended. In other words, changing bytes within a page from a “1” to a “0” during multiple
page programming operations without erasing that page is not recommended.
PAGE ERASE: The optional Page Erase command can be used to individually erase
any page in the main memory array allowing the Buffer to Main Memory Page Program
without Built-in Erase command to be utilized at a later time. To perform a Page Erase,
an opcode of 81H must be loaded into the device, followed by three reserved bits,
12 address bits (PA11 - PA0), and nine don’t care bits. The 12 address bits are used to
specify which page of the memory array is to be erased. When a low-to-high transition
occurs on the CS pin, the part will erase the selected page to 1s. The erase operation is
internally self-timed and should take place in a maximum time of t
PE. During this time,
the status register will indicate that the part is busy.
BLOCK ERASE: A block of eight pages can be erased at one time allowing the Buffer
to Main Memory Page Program without Built-in Erase command to be utilized to reduce
programming times when writing large amounts of data to the device. To perform a
Block Erase, an opcode of 50H must be loaded into the device, followed by three
reserved bits, nine address bits (PA11 - PA3), and 12 don’t care bits. The nine address
bits are used to specify which block of eight pages is to be erased. When a low-to-high
transition occurs on the CS pin, the part will erase the selected block of eight pages to
1s. The erase operation is internally self-timed and should take place in a maximum
time of t
BE. During this time, the status register will indicate that the part is busy.
Block Erase Addressing
PA11
PA10
PA9
PA8
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Block
0
0
00
0000
0
X
X
X
0
0
0
00
0000
1
X
X
X
1
0
0
00
0001
0
X
X
X
2
0
0
00
0001
1
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
11
1110
0
X
X
X
508
1
1
11
1110
1
X
X
X
509
1
1
11
1111
0
X
X
X
510
1
1
11
1111
1
X
X
X
511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com